Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3S Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RZ/G3S
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3S Datasheet(HTML) 2 Page - Renesas Technology Corp

  RZ/G3S Datasheet HTML 1Page - Renesas Technology Corp RZ/G3S Datasheet HTML 2Page - Renesas Technology Corp RZ/G3S Datasheet HTML 3Page - Renesas Technology Corp RZ/G3S Datasheet HTML 4Page - Renesas Technology Corp RZ/G3S Datasheet HTML 5Page - Renesas Technology Corp RZ/G3S Datasheet HTML 6Page - Renesas Technology Corp RZ/G3S Datasheet HTML 7Page - Renesas Technology Corp RZ/G3S Datasheet HTML 8Page - Renesas Technology Corp RZ/G3S Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 88 page
background image
RZ/G3S Group
1. Overview
R01DS0489EJ0120
Rev.1.20
Page 2 of 88
May 29, 2026
1.
Overview
1.1
Outline of Specification
1.1.1
CPU Core
Item
Description
System CPU Cortex-A55
● Arm Cortex-A55 Single Core 1.1 GHz
● L1 I-cache: 32 Kbytes (Parity) / D-cache : 32 Kbytes (ECC)
● L2 cache: Not included
● L3 cache: 256 Kbytes (ECC)
● NEON™ / FPU supported
● Cryptographic Extension supported
● Arm® v8.2-A architecture
System CPU Cortex-M33
● Arm Cortex-M33 Processor 250 MHz × 2 cores
● Security Extension supported
● Floating Extension supported*1
● Arm® v8-M architecture
Boot
● Bootable CPU: Cortex-A55, Cortex-M33*4
● Boot device:
Boot Mode 0:
Booting from eSD
Boot Mode 1:
Booting from eMMC
Boot Mode 2:
Booting from a serial flash memory (Single / Quad /Octal)*3
Boot Mode 3:
Booting from SCIF download
● Boot device voltage: 1.8 V*2, 3.3 V
Debug Interface
● Arm® CoreSight™ architecture
● JTAG / SWD interface supported
● ETF 16 Kbytes for program flow trace (each cluster)
● JTAG Disable supported
Note 1.
One core supports Floating Extension
Note 2.
1.8 V is supported in booting from eMMC and serial flash memory.
Note 3.
A serial flash memory (Octal) is supported when Boot device voltage is 1.8 V.
Note 4.
Cortex-M33 booting is supported from a serial flash memory and SCIF download.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com