Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3S Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # RZ/G3S
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3S Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button RZ/G3S Datasheet HTML 72Page - Renesas Technology Corp RZ/G3S Datasheet HTML 73Page - Renesas Technology Corp RZ/G3S Datasheet HTML 74Page - Renesas Technology Corp RZ/G3S Datasheet HTML 75Page - Renesas Technology Corp RZ/G3S Datasheet HTML 76Page - Renesas Technology Corp RZ/G3S Datasheet HTML 77Page - Renesas Technology Corp RZ/G3S Datasheet HTML 78Page - Renesas Technology Corp RZ/G3S Datasheet HTML 79Page - Renesas Technology Corp RZ/G3S Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 88 page
background image
RZ/G3S Group
3. Electrical Characteristics
R01DS0489EJ0120
Rev.1.20
Page 76 of 88
May 29, 2026
3.5.22
PDM Interface Access Timing
Table 3.45
PDM Interface Timing
Item
Symbol
Min.
Max.
Unit
Remarks
Clock period
tPSYNC
2
32
tCCcyc = 125 ns (8 MHz)
Clock High level period
tPDCKWH
tPSYNC × 0.45
tPSYNC × 0.55
ns
Clock Low level period
tPDCKWL
tPSYNC × 0.45
tPSYNC × 0.55
ns
Note:
I/O driving ability: IOLH_xx[1:0] = 01b, CL = 30 pF
PDM_CLKn
tPDCKWH
tPDCKWL
TP
SYNC
Figure 3.67
Timing of Clock Output (PDMn_CLK)
Table 3.46
PDM Interface Timing
Item
Symbol
Min.
Max.
Unit
Remarks
PDMn_DAT input setup time
tSU
12.5
—
ns
PDMn_DAT input hold time
tH
0.0
—
ns
Note:
I/O driving ability: IOLH_xx[1:0] = 01b, CL = 30 pF
PDM_CLKn
(Output)
tSU
PDM_DATn
(Input)
tH
Figure 3.68
Receive Timing (Synchronized with the Rise of PDMn_CLK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com