Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3S Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RZ/G3S
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3S Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RZ/G3S Datasheet HTML 3Page - Renesas Technology Corp RZ/G3S Datasheet HTML 4Page - Renesas Technology Corp RZ/G3S Datasheet HTML 5Page - Renesas Technology Corp RZ/G3S Datasheet HTML 6Page - Renesas Technology Corp RZ/G3S Datasheet HTML 7Page - Renesas Technology Corp RZ/G3S Datasheet HTML 8Page - Renesas Technology Corp RZ/G3S Datasheet HTML 9Page - Renesas Technology Corp RZ/G3S Datasheet HTML 10Page - Renesas Technology Corp RZ/G3S Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
RZ/G3S Group
1. Overview
R01DS0489EJ0120
Rev.1.20
Page 7 of 88
May 29, 2026
1.1.7
Timer
Item
Description
Multi-function Timer Pulse Unit 3
(MTU3a)
● 9 channels (16 bits × 8 channels, 32 bits × 1 channel)
● Module clock frequency: 100 MHz
● Maximum 28 lines of pulse inputs/outputs and 3 lines of pulse inputs
● 14 types of count clocks selectable
● Input capture function
● 39 outputs compare and input capture registers
● Counter clear operation (Simultaneous counter clearing by Compare match or Input capture is
available)
● Simultaneous writing to multiple timer counters (TCNT)
● Synchronous input/output of each register due to synchronous operation of the counter
● Buffered operation
● Cascade-connected operation
● 43 types of interrupt sources
● Automatic transfer of register data
● Pulse output modes
Toggle, PWM, complementary PWM, and reset-synchronized PWM modes
● Synchronization of multiple counters
● Phase counting mode
– 16-bit mode (channel 1 and 2)
– 32-bit mode (channel 1 and 2)
● Counter function of dead time compensation
● Digital filter functions for the input capture and external count clock pin
Port Output Enable 3
(POE3)
● Control of the high-impedance state of the MTU3a waveform output pins
● Activation with four input pins
● Activation on detection of short-circuited outputs (detection of simultaneous PWM output to the
active level)
● Activation by register write
● Additional programming of output control target pins is possible.
General PWM Timer
(GPT)
● 32 bits × 8 channels
● Counting up or down (sawtooth wave), counting up and down (triangular wave) selectable for
all channels
● Independent selectable for each channel
● 2 input/output pins per channel
● 2 output compare / input capture registers per channel
● For the 2 output compare / input capture registers of each channel, 4 registers are provided as
buffer registers and are capable of operating as comparison registers when buffering is not in
use
● In output compare operation, buffer switching can be at peaks or troughs, enabling the
generation of laterally asymmetrically PWM waveforms
● Registers for setting up frame intervals on each channel (with capability for generating
interrupts on overflow or underflow)
● Generation of dead times in PWM operation
● Synchronous start / stop / clear of counters on arbitrary channels
● Starting, stopping, and clearing up/down counters in response to a maximum of eight events
● Starting, stopping, and clearing up/down counters in response to input level comparison
● Starting, stopping, and clearing up/down counters in response to a maximum of four external
triggers
● Output pin invalidation functions due to dead time error or detection of short circuit between
output pins
● Digital filter functions for the input capture and external trigger pins
Port Output Enable for GPT
(POEG)
● Output prohibition control of the GPT waveform output pin
● Activation with up to four input pins
● Activation by dead time error detection or output short detection
● Activation by register write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com