Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3S Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # RZ/G3S
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3S Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button RZ/G3S Datasheet HTML 80Page - Renesas Technology Corp RZ/G3S Datasheet HTML 81Page - Renesas Technology Corp RZ/G3S Datasheet HTML 82Page - Renesas Technology Corp RZ/G3S Datasheet HTML 83Page - Renesas Technology Corp RZ/G3S Datasheet HTML 84Page - Renesas Technology Corp RZ/G3S Datasheet HTML 85Page - Renesas Technology Corp RZ/G3S Datasheet HTML 86Page - Renesas Technology Corp RZ/G3S Datasheet HTML 87Page - Renesas Technology Corp RZ/G3S Datasheet HTML 88Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 85 / 88 page
background image
RZ/G3S Group
REVISION HISTORY
R01DS0489EJ0120
Rev.1.20
Page 85 of 88
May 29, 2026
Description
Rev.
Date
Page
Summary
1.10
Jul 31, 2025
41
Table 3.26 Ethernet-IF Access Timing (Ether MII): Note, modified
42
Table 3.27 Ethernet-IF Access Timing (Ether RGMII): The Min and Max values of Duty_G,
modified. Note 1, deleted. The Note number, modified (Note 2
→ Note 1).
46
Table 3.29 xSPI Timing: The Max value of “CS low to DS low”, modified. Note 6, modified.
Notes 7 and 8, added.
49
Table 3.30 SSIF-2 Timing: Note, modified
51
Table 3.31 CAN-FD Interface Timing: Note, modified
52
Table 3.32 MTU3a Timing: Note, modified
54
Table 3.34 GPT Timing: Note, modified
68
Table 3.40 SCIFA Timing: Note, modified
70
Table 3.41 SCIg Timing: Note, modified
72
Table 3.42 Renesas Serial Peripheral Interface Timing: Note, modified
76
Table 3.45 PDM Interface Timing, Table 3.46 PDM Interface Timing: Note, modified
1.20
May 29, 2026 2. Pin
15
2.2 External Pins and Multiplexed Functional Pins: pin condition and Handling when the pin
is not in use, modified
3. Electrical Characteristics
76
Table 3.45 PDM Interface Timing: Clock High level period, and Clock Low level period: The
Min and Max values, modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com