Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3S Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # RZ/G3S
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3S Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button RZ/G3S Datasheet HTML 5Page - Renesas Technology Corp RZ/G3S Datasheet HTML 6Page - Renesas Technology Corp RZ/G3S Datasheet HTML 7Page - Renesas Technology Corp RZ/G3S Datasheet HTML 8Page - Renesas Technology Corp RZ/G3S Datasheet HTML 9Page - Renesas Technology Corp RZ/G3S Datasheet HTML 10Page - Renesas Technology Corp RZ/G3S Datasheet HTML 11Page - Renesas Technology Corp RZ/G3S Datasheet HTML 12Page - Renesas Technology Corp RZ/G3S Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
RZ/G3S Group
1. Overview
R01DS0489EJ0120
Rev.1.20
Page 9 of 88
May 29, 2026
1.1.8
Peripheral Module
Item
Description
I2C Bus Interface
(I2C)
● 4 channels (ch0,1 = Dedicated pin, ch2,3 = Multiplexed pin)
● Master mode and slave mode supported
● Support for 7-bit and 10-bit slave address formats
● Support for multi-master operation
● Timeout detection
I3C Bus Interface
(I3C)
● 1 channel
● Master (Main Master/Secondary Master) mode and Slave mode selectable
● SDR (I3C Single Data Rate) Mode
– Private Message
– Broadcast Message (Common Command Code)
– Direct Message (Common Command Code)
● Legacy I2C Message
– Fast-mode (Fm): Up to 400 kbit/s
– Fast-mode Plus (Fm+): Up to 1 Mbit/s
● Slave Interrupt Request
● Master Ship Request (Secondary Master only)
● Support for 7-bit slave address formats
● Synchronous Timing Control
– Sync Mode: Synchronous Basic Mode
● Asynchronous Timing Control
– Async Mode 0: Asynchronous Basic Mode
– Async Mode 1: Asynchronous Advanced Mode
● Error Detection
Serial Communication Interface
with FIFO (SCIFA)
● 6 channels
● Clock synchronous mode or asynchronous mode selectable
● Simultaneous transmission and reception (full-duplex communication) supported
● Dedicated baud rate generator
● Separate 16-byte FIFO registers for transmission and reception
● Modem control function (channel 0, 1 and 2 in asynchronous mode)
Serial Communication Interface
(SCIg)
● 2 channels
● Clock synchronous mode, asynchronous mode, or smart card interface mode is selectable
● Simultaneous transmission and reception (full-duplex communication) supported
● Dedicated baud rate generator
● LSB first / MSB first selectable
● Modem control function
● Encoding and decoding of IrDA communications waveforms in accord with version 1.0 of the
IrDA standard (on channel 0)
Renesas Serial Peripheral
Interface (RSPI)
● 5 channels
● SPI operation
● Master mode and slave mode supported
● Programmable bit length, clock polarity, clock phase can be selected
● Consecutive transfers
● LSB first / MSB first selectable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com