Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3S Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # RZ/G3S
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3S Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button RZ/G3S Datasheet HTML 20Page - Renesas Technology Corp RZ/G3S Datasheet HTML 21Page - Renesas Technology Corp RZ/G3S Datasheet HTML 22Page - Renesas Technology Corp RZ/G3S Datasheet HTML 23Page - Renesas Technology Corp RZ/G3S Datasheet HTML 24Page - Renesas Technology Corp RZ/G3S Datasheet HTML 25Page - Renesas Technology Corp RZ/G3S Datasheet HTML 26Page - Renesas Technology Corp RZ/G3S Datasheet HTML 27Page - Renesas Technology Corp RZ/G3S Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
RZ/G3S Group
3. Electrical Characteristics
R01DS0489EJ0120
Rev.1.20
Page 24 of 88
May 29, 2026
Table 3.6
DC Characteristics (4) [I3C (1.2/1.8 V)]
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
High-level input voltage
VIH
VCCQ × 0.7
—
—
V
1.8 V
Low-level input voltage
VIL
—
—
VCCQ × 0.3
V
I3C Open Drain mode
Output logic low voltage
IOL = 3 mA
VOL
—
—
0.27
V
High-level input voltage
VIH
VCCQ × 0.7
—
—
V
1.8 V
Low-level input voltage
VIL
—
—
VCCQ × 0.3
V
I2C Open Drain mode*1
Output logic low voltage
IOL = 20 mA
VOL
—
—
0.4
V
High-level input voltage
VIH
VCCQ × 0.7
—
—
V
1.8 V
Low-level input voltage
VIL
—
—
VCCQ × 0.3
V
I3C CMOS mode
Output logic high voltage
IOL=
−3 mA
VOH
VCCQ
− 0.27
—
V
Output logic low voltage
IOL= 3 mA
VOL
—
—
0.27
V
High-level input voltage
VIH
VCCQ × 0.7
—
—
V
1.2 V
Low-level input voltage
VIL
—
—
VCCQ × 0.3
V
I3C CMOS mode
Output logic high voltage
IOL =
−2 mA
VOH
VCCQ
− 0.18
—
V
Output logic low voltage
IOL = 2 mA
VOL
—
—
0.18
V
Note 1.
fast-mode, fast-mode plus
Table 3.7
DC Characteristics (5) [I2C (1.8 V)]
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
High-level input voltage
VIH
VCCQ × 0.7
—
—
V
Low-level input voltage
VIL
—
—
VCCQ × 0.3
V
Output logic low voltage
IOL = 20 mA
VOL
—
—
0.4
V
Table 3.8
DC Characteristics (6) [Input (Schmitt/1.8 V)]
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
High-level input voltage
VIH
VCCQ × 0.75
—
—
V
Low-level input voltage
VIL
—
—
VCCQ × 0.25
V
Table 3.9
DC Characteristics (7) [Input (3.3 V tolerant/Schmitt)]
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
High-level input voltage
VIH
VCCQ × 0.75
—
—
V
Low-level input voltage
VIL
—
—
VCCQ × 0.25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com