Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3S Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # RZ/G3S
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3S Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button RZ/G3S Datasheet HTML 56Page - Renesas Technology Corp RZ/G3S Datasheet HTML 57Page - Renesas Technology Corp RZ/G3S Datasheet HTML 58Page - Renesas Technology Corp RZ/G3S Datasheet HTML 59Page - Renesas Technology Corp RZ/G3S Datasheet HTML 60Page - Renesas Technology Corp RZ/G3S Datasheet HTML 61Page - Renesas Technology Corp RZ/G3S Datasheet HTML 62Page - Renesas Technology Corp RZ/G3S Datasheet HTML 63Page - Renesas Technology Corp RZ/G3S Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
RZ/G3S Group
3. Electrical Characteristics
R01DS0489EJ0120
Rev.1.20
Page 60 of 88
May 29, 2026
Table 3.39
I3C Push-Pull Timing Parameters for SDR Mode
Item
Symbol
Min.
Typ.
Max.
Unit
Figures
Notes
SCL Clock Frequency
fSCL
0.01
12.5
12.9
MHz
—
*1
SCL Clock Low Period
tLOW
24
—
—
ns
Figure 3.45
—
tDIG_L
32
—
—
ns
Figure 3.46
*2, *4
SCL Clock High Period for Mixed Bus
tHIGH_MIXED
24
—
—
ns
Figure 3.46
—
tDIG_H_MIXED
32
—
45
ns
Figure 3.46
*2, *3
SCL Clock High Period
tHIGH
24
—
—
ns
Figure 3.45
—
tDIG_H
32
—
—
ns
Figure 3.46
Figure 3.45
*2
Clock in to Data Out for Slave
tSCO
—
—
12
ns
Figure 3.51
*7, *8
SCL Clock Rise Time
tCR
—
—
150e06 × 1 /
fSCL (capped
at 60)
ns
Figure 3.45
*5
SCL Clock Fall Time
tCF
—
—
150e06 × 1 /
fSCL (capped
at 60)
ns
Figure 3.45
*5
SDA Signal Data Hold in
Push-Pull Mode
Master
tHD_PP
tCR + 3 and
tCF +3
—
—
—
Figure 3.50
*4, *6
Slave
tHD_PP
0
—
—
—
Figure 3.52
*6
SDA Signal Data Setup in Push-Pull
Mode
tSU_PP
3
—
N/A
ns
Figure 3.50,
Figure 3.51
—
Clock After Repeated START (Sr)
tCASr
tCASmin
—
N/A
ns
Figure 3.53
—
Clock Before Repeated START (Sr)
tCBSr
tCASmin / 2
—
N/A
ns
Figure 3.53
—
Capacitive Load per Bus Line
(SDA/SDL)
Cb
—
—
50
pF
—
—
Note 1.
FSCL = 1 / (tDIG_L + tDIG_H)
Note 2.
tDIG_L and tDIG_H are the clock low and high periods as seen at the receiver end of the I3C bus using VIL and VIH (see Figure
3.45).
Note 3.
When communicating with an I3C Device on a mixed Bus, the tDIG_H_MIXED period must be constrained in order to make sure
that I2C Devices do not interpret I3C signaling as valid I2C signaling.
Note 4.
As both edges are used, the hold time needs to be satisfied for the respective edges; i.e., tCF + 3 for falling edge clocks, and
tCR + 3 for rising edge clocks.
Note 5.
The clock maximum rise/fall time is capped at 60 ns. For lower frequency rise and fall the maximum value is limited at 60 ns,
and is not dependent upon the clock frequency.
Note 6.
tHD_PP is a Hold time parameter for Push-Pull Mode that has a different value for Master mode vs. Slave mode. In SDR Mode
the Hold time parameter is referred to as tHD_SDR.
Note 7.
Devices with more than 12 ns of tSCO delay shall set the limitation bit in the BCR, and shall support the GETMXDS CCC to
allow the Master to read this value and adjust computations accordingly. For purposes of system design and test
conformance, this parameter should be considered together with pad delay, bus capacitance, propagation delay, and clock
triggering points.
Note 8.
Pad delay based on 90Ω/4 mA driver and 50 pF load. Note that Master may be a Slave in a multi-Master system, and thus
shall also adhere to this requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com