Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3S Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # RZ/G3S
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3S Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button RZ/G3S Datasheet HTML 64Page - Renesas Technology Corp RZ/G3S Datasheet HTML 65Page - Renesas Technology Corp RZ/G3S Datasheet HTML 66Page - Renesas Technology Corp RZ/G3S Datasheet HTML 67Page - Renesas Technology Corp RZ/G3S Datasheet HTML 68Page - Renesas Technology Corp RZ/G3S Datasheet HTML 69Page - Renesas Technology Corp RZ/G3S Datasheet HTML 70Page - Renesas Technology Corp RZ/G3S Datasheet HTML 71Page - Renesas Technology Corp RZ/G3S Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
RZ/G3S Group
3. Electrical Characteristics
R01DS0489EJ0120
Rev.1.20
Page 68 of 88
May 29, 2026
3.5.17
Serial Communications Interface with FIFO (SCIFA) Access Timing
Table 3.40
SCIFA Timing
Item
Symbol
Min.
Max.
Unit
Figures
SCIFA
Input clock cycle
Asynchronous
tScyc
4
—
tp1cyc*
1
Figure 3.56
Clocked
synchronous
12
—
Input clock pulse width
tSCKW
0.4
0.6
tp1cyc*
1
Input clock rise time
tSCKr
—
5
ns
Input clock fall time
tSCKf
—
5
ns
Output clock cycle
Asynchronous*2
tScyc
8
—
tp1cyc*
1
Clocked
synchronous
4
—
Output clock pulse width
tSCKW
0.4
0.6
tp1cyc*
1
Output clock rise time
tSCKr
—
9
ns
Output clock fall time
tSCKf
—
9
ns
Transmit data delay time
Internal clock
tTXD
−10
10
ns
Figure 3.57
External clock
3 × tp1cyc*
1
4 × tp1cyc*
1
+ 20
Receive data setup time
Internal clock
tRXS
3 × tp1cyc*
1
+ 20
—
ns
External clock
tp1cyc*
1 +
10
—
Receive data hold time
Internal clock
tRXH
−3 ×
tp1cyc*
1
—
ns
External clock
2 × tp1cyc*
1
+ 10
—
Note:
AC access timing condition: drive ability IOLH_xx[1:0] = 11b, output load 30 pF
Note 1.
tp1cyc indicates peripheral clock means SCIFn_CLK_PCK (P0
ϕ) (n = 0 to 5).
Note 2.
When the SEMR.ABCS0 and SEMR.BGDM bits are set to 1.
SCIFn_SCK
(n = 0 to 4)
tSCKW
tScyc
tSCKr
tSCKf
Figure 3.56
SCK Input Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com