Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 127Page - Renesas Technology Corp 6V7 Datasheet HTML 128Page - Renesas Technology Corp 6V7 Datasheet HTML 129Page - Renesas Technology Corp 6V7 Datasheet HTML 130Page - Renesas Technology Corp 6V7 Datasheet HTML 131Page - Renesas Technology Corp 6V7 Datasheet HTML 132Page - Renesas Technology Corp 6V7 Datasheet HTML 133Page - Renesas Technology Corp 6V7 Datasheet HTML 134Page - Renesas Technology Corp 6V7 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 298 page
background image
Rev.1.00
May 18, 2004
page 131 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Fig. 2.11.31 I2Ci data shift register (i = 0, 1)
Fig. 2.11.32 I2Ci transmit buffer register (i = 0, 1)
I2Ci data shift register (i = 0, 1)
b7 b6 b5 b4 b3 b2 b1 b0
Symbol
Address
When reset
IIC0S0
02E016
Indeterminate
IIC1S0
02E816
Indeterminate
Note: To write data into the I
2Ci data shift register after setting the MST bit to “0” (slave
mode), keep an interval of 8 machine cycles or more.
D0
Data shift register
This is an 8-bit shift register to store
receive data and write transmit data.
D1
D2
D3
D4
D5
D6
D7
Bit Symbol
Bit name
Function
R W
I2Ci transmit buffer register (i = 0, 1)
b7 b6 b5 b4 b3 b2 b1 b0
Symbol
Address
When reset
IIC0S0S
02E616
Indeterminate
IIC1S0S
02EE16
Indeterminate
S0S0
Transmit buffer register
This is an 8-bit register to write transmit
data to I
2Ci data shift register.
S0S1
S0S2
S0S3
S0S4
S0S5
S0S6
S0S7
Bit Symbol
Bit name
Function
R W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com