Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 125Page - Renesas Technology Corp 6V7 Datasheet HTML 126Page - Renesas Technology Corp 6V7 Datasheet HTML 127Page - Renesas Technology Corp 6V7 Datasheet HTML 128Page - Renesas Technology Corp 6V7 Datasheet HTML 129Page - Renesas Technology Corp 6V7 Datasheet HTML 130Page - Renesas Technology Corp 6V7 Datasheet HTML 131Page - Renesas Technology Corp 6V7 Datasheet HTML 132Page - Renesas Technology Corp 6V7 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 298 page
background image
Rev.1.00
May 18, 2004
page 129 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Fig. 2.11.30 I2Ci port selection register (i = 0, 1)
(1) I2Ci port selection register (i = 0, 1)
The I2Ci port selection register consists of bit to validate the multi-master I2C-BUS interface i function.
s Bit 0: TXD2, RXD2 port select bit
Note: I2C0 Port Selection Register only
When using UART2, setting bit to “0” causes P70 and P71 to function respectively as TXD2 and RXD2,
and setting bit to “1” causes P93 and P94 to function respectively as TXD2 and RXD2.
Note that the multimaster I2C-BUS interface enable bit (FIICON) described later has priority over this
bit.
s Bit 2: Multi-master I2C-BUS interface valid bit (FIICON)
When this bit is “0”, the multi-master I2C-BUS interface i is nonactive; when “1”, it is active. When
selecting active, multi-master I2C-BUS interface 0 is connected with the ports selected by bits 0 and 1
of the peripheral mode register (address 027D16) and multi-master I2C-BUS interface 1 is connected
with the ports P93 and P94.
Note: It needs 20-BCLK cycles from setting this bit to “1” to being active of multi-master I2C-BUS
interface i. Accordingly, do not access multi-master I2C-BUS interface i-related registers in this
period.
I2C0 port selection register
b7
0
b6
0
b5
0
b4
00
0
b3 b2 b1 b0
Symbol
Address
When reset
IIC0S2D
02E516
00?000002
RW
TXD2 and RXD2
port select bit
PSEL0
Bit Symbol
Bit name
Function
FIICON
Multi-master I
2C-BUS
interface valid bit
0 : Nonactive
1 : Active
0 : P70 and P71
1 : P93 and P94
Must always be set to “0”
Reserved bits
Must always be set to “0”
Reserved bits
I2C1 port selection register
b7
0
b6
0
b5
0
b4
00
00
b3 b2 b1 b0
Symbol
Address
When reset
IIC1S2D
02ED16
00?000002
RW
FIICON
Multi-master I
2C-BUS
interface valid bit
0 : Nonactive
1 : Active
Must always be set to “0”
Reserved bits
Must always be set to “0”
Reserved bits
Bit Symbol
Bit name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com