Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 145Page - Renesas Technology Corp 6V7 Datasheet HTML 146Page - Renesas Technology Corp 6V7 Datasheet HTML 147Page - Renesas Technology Corp 6V7 Datasheet HTML 148Page - Renesas Technology Corp 6V7 Datasheet HTML 149Page - Renesas Technology Corp 6V7 Datasheet HTML 150Page - Renesas Technology Corp 6V7 Datasheet HTML 151Page - Renesas Technology Corp 6V7 Datasheet HTML 152Page - Renesas Technology Corp 6V7 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 298 page
background image
Rev.1.00
May 18, 2004
page 149 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
Figure 2.12.5 A-D register i (i = 0 to 5)
Figure 2.12.4 A-D control register 2
A-D register i
Symbol
Address
When reset
ADi(i=0 to 5)
03C416, 03C616, 03C816
Indeterminate
03CA16, 03CC16, 03CE16
Indeterminate
Eight bits of A-D conversion result
Function
R W
b7
b0
A-D control register 2 (Note 1)
Symbol
Address
When reset
ADCON2
03D416
0000???02
b7
b6
b5
b4
b3
b2
b1
b0
A-D conversion method
select bit
0 : Without sample and hold
1 : With sample and hold
Bit symbol
Bit name
Function
R W
Notes 1: If the A-D control register is rewritten during A-D conversion, the conversion
2: The value of this bit when read is indeterminate.
result is indeterminate.
SMP
Reserved bits
Must always be set to “0”
Reserved bits
Must always be set to “0”
0
0
0
0
00 0
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com