Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 141Page - Renesas Technology Corp 6V7 Datasheet HTML 142Page - Renesas Technology Corp 6V7 Datasheet HTML 143Page - Renesas Technology Corp 6V7 Datasheet HTML 144Page - Renesas Technology Corp 6V7 Datasheet HTML 145Page - Renesas Technology Corp 6V7 Datasheet HTML 146Page - Renesas Technology Corp 6V7 Datasheet HTML 147Page - Renesas Technology Corp 6V7 Datasheet HTML 148Page - Renesas Technology Corp 6V7 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 298 page
background image
Rev.1.00
May 18, 2004
page 145 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
s START condition generating procedure using multi-master
:
FCLR
I
(Interrupt disabled)
BTST
5, IICiS1
(BB flag confirming and branch process)
JC
BUSBUSY
BUSFREE:
MOV.B
SA, IICiS0
(Writing of slave address value <SA>)
NOP
NOP
NOP
NOP
MOV.B
#F0H, IICiS1
(Trigger of START condition generating)
FSET
I
(Interrupt enabled)
:
BUSBUSY:
FSETI
(Interrupt enabled)
:
➀ Be sure to add NOP instruction ✕ 4 between writing the slave address value and setting trigger of
START condition generating shown the above procedure example.
➁ When using multi-master system, disable interrupts during the following three process steps:
• BB flag confirming
• Writing of slave address value
• Trigger of START condition generating
When the condition of the BB flag is bus busy, enable interrupts immediately.
When using single-master system, it is not necessary to disable interrupts above.
s RESTART condition generating procedure
:
MOV.B
SA, IICiS0S
(Writing of slave address value <SA>)
NOP
NOP
MOV.B
#F0H, IICiS1
(Trigger of RESTART condition generating)
:
➀ Use the I2Ci transmit buffer register to write the slave address value to the I2Ci data shift register.
And also, be sure to add NOP instruction ✕ 4.
s Writing to I2Ci status register
Do not execute an instruction to set the PIN bit to “1” from “0” and an instruction to set the MST and
TRX bits to “0” from “1” simultaneously. It is because it may enter the state that the SCL pin is released
and the SDA pin is released after about one machine cycle. Do not execute an instruction to set the
MST and TRX bits to “0” from “1” simultaneously when the PIN bit is “1.” It is because it may become
the same as above.
s Process of after STOP condition generating
Do not write data in the I2Ci data shift register (IICiS0) and the I2Ci status register (IICiS1) until the bus
busy flag BB becomes “0” after generating the STOP condition in the master mode. It is because the
STOP condition waveform might not be normally generated. Reading to the above registers do not have
the problem.
➀
➁
➀



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com