Electronic Components Datasheet Search
  English  ▼

X  

6V7 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # 6V7
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

6V7 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button 6V7 Datasheet HTML 140Page - Renesas Technology Corp 6V7 Datasheet HTML 141Page - Renesas Technology Corp 6V7 Datasheet HTML 142Page - Renesas Technology Corp 6V7 Datasheet HTML 143Page - Renesas Technology Corp 6V7 Datasheet HTML 144Page - Renesas Technology Corp 6V7 Datasheet HTML 145Page - Renesas Technology Corp 6V7 Datasheet HTML 146Page - Renesas Technology Corp 6V7 Datasheet HTML 147Page - Renesas Technology Corp 6V7 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 298 page
background image
Rev.1.00
May 18, 2004
page 144 of 296
M306V7MG/MH/MJ/MJA-XXXFP, M306V7FG/FH/FJ/FJAFP
(13) Precautions when using multi-master I2C-BUS interface i
s BCLK operation mode
Select the no-division mode and set the main clock frequency to f(XIN) = 16 MHz or 10 MHz.
In this case, make sure the Peripheral Mode Register (address 027D16) bit 7 is set according to
the frequency.
s Used instructions
Specify byte (.B) as data size to access multi-master I2C-BUS interface i-related registers.
s Read-modify-write instruction
The precautions when the read-modify-write instruction such as BSET, BCLR etc. is executed for
each register of the multi-master I2C-BUS interface are described below.
•I2Ci data shift register (IICiS0)
When executing the read-modify-write instruction for this register during transfer, data may
become a value not intended.
•I2Ci address register (IICiS0D)
When the read-modify-write instruction is executed for this register at detecting the STOP con-
______
dition, data may become a value not intended. It is because hardware changes the read/write
bit (RBW) at the above timing.
•I2Ci status register (IICiS1)
Do not execute the read-modify-write instruction for this register because all bits of this register
are changed by hardware.
•I2Ci control register (IICiS1D)
When the read-modify-write instruction is executed for this register at detecting the START
condition or at completing the byte transfer, data may become a value not intended. Because
hardware changes the bit counter (BC0–BC2) at the above timing.
•I2Ci clock control register (IICiS2)
The read-modify-write instruction can be executed for this register.
•I2Ci port selection register (IICiS2D)
Since the read value of high-order 4 bits is indeterminate, the read-modify-write instruction
cannot be used.
•I2Ci transmit buffer register (IICiS0S)
Since the value of all bits is indeterminate, the read-modify-write instruction cannot be used.
Fig. 2.11.41 Address data communication format
SSlave address
A
DataA
DataA/A
P
R/W
7 bits“0”1 to 8 bits
1 to 8 bits
SSlave address
A
Data
AData
AP
7 bits
“1”
1 to 8 bits
1 to 8 bits
(1) A master-transmitter transmits data to a slave-receiver
S
Slave address
1st 7 bits
A
A
Data
7 bits“0”8 bits1 to 8 bits
(2) A master-receiver receives data from a slave-transmitter
Slave address
2nd byte
A
Data
A/A
P
1 to 8 bits
S
Slave address
1st 7 bits
A
A
7 bits“0”8 bits7 bits
(3) A master-transmitter transmits data to a slave-receiver with a 10-bit address
Slave address
2nd byte
Data
1 to 8 bits
Sr
Slave address
1st 7 bits
A
Data
A
P
1 to 8 bits
“1”
(4) A master-receiver receives data from a slave-transmitter with a 10-bit address
S : START condition
P : STOP condition
A : ACK bit
R/W : Read/Write bit
Sr :Restart condition
From master to slave
From slave to master
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com