Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 36Page - Renesas Technology Corp R8C/12 Datasheet HTML 37Page - Renesas Technology Corp R8C/12 Datasheet HTML 38Page - Renesas Technology Corp R8C/12 Datasheet HTML 39Page - Renesas Technology Corp R8C/12 Datasheet HTML 40Page - Renesas Technology Corp R8C/12 Datasheet HTML 41Page - Renesas Technology Corp R8C/12 Datasheet HTML 42Page - Renesas Technology Corp R8C/12 Datasheet HTML 43Page - Renesas Technology Corp R8C/12 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 198 page
background image
R8C/12 Group
7. Protection
Rev.1.20
Jan 27, 2006
page 30 of 181
REJ09B0110-0120
7. Protection
In the event that a program runs out of control, this function protects the important registers so that they
will not be rewritten easily. Figure 7.1 shows the PRCR register. The following lists the registers protected
by the PRCR register.
• Registers protected by PRC0 bit: CM0, CM1, and OCD registers
• Registers protected by PRC1 bit: PM0 and PM1 registers
• Registers protected by PRC2 bit: PD0 register
Set the PRC2 bit to “1” (write enabled) and then write to any address, and the PRC2 bit will be set to “0”
(write protected). The registers protected by the PRC2 bit should be changed in the next instruction after
setting the PRC2 bit to “1”. Make sure no interrupts will occur between the instruction in which the PRC2
bit is set to “1” and the next instruction. The PRC0 to PRC1 bits are not automatically set to “0” by writing
to any address. They can only be set to “0” in a program.
Figure 7.1 PRCR Register
Protect register
SymbolAddressAfter reset
PRCR000A16
00XXX0002
Bit name
Bit symbol
b7b6b5b4b3b2b1b0
0 : Write protected
1 : Write enabled
PRC1
PRC0
Function
RW
NOTES:
1. The PRC2 bit is set to “0” by writing to any address after setting it to “1”. Other bits are not set to “0”
by writing to any address, and must therefore be set to “0” in a program.
RW
RW
Protect bit 0
Protect bit 1
Protect bit 2
Enable write to CM0, CM1, OCD
registers
0 : Write protected
1 : Write enabled
Enable write to PM0, PM1
registers
0 : Write protected
1 : Write enabled1
Enable write to PD0 register
0
0
0
RW
When read, its content is “0”.
(b7-b6)
Reserved bitWhen write, must set to "0"
(b5-b3)
Reserved bit
RO
PRC2
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com