| Electronic Components Datasheet Search |
|
R8C/12 Datasheet(PDF) 67 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/12 Datasheet(HTML) 67 Page - Renesas Technology Corp |
|
67 / 198 page ![]() R8C/12 Group Rev.1.20 Jan 27, 2006 page 57 of 181 REJ09B0110-0120 Figure 12.3 PREX Register, TX Register, and TCSS Register Bit name Function Bit symbol Timer X count source select bit(1) b1 b0 TXCK1 TXCK0 TYCK0 Timer Y count source select bit(1) TZCK0 TYCK1 TZCK1 Must be set to “0” (b7-b6) Reserved bit Timer Z count source select bit(1) NOTES: 1. Avoid switching a count source, while a counter is in progress. Timer counter must be stopped before switching a count source. Timer count source setting register SymbolAddressAfter reset TCSS008E16 0016 b7 b6 b5 b4 b3 b2 b1 b0 0 0 : f1 0 1 : f8 1 0 : f32 1 1 : f2 b3 b2 0 0 : f1 0 1 : f8 1 0 : fRING 1 1 : Selects input from CNTR1 pin b5 b4 0 0 : f1 0 1 : f8 1 0 : Selects Timer Y underflow 1 1 : f2 RW RW RW RW RW RW RW RW 0 0 Symbol Address After reset TX 008D16 FF16 Underflow of Prescaler X is counted Function Timer X Register Symbol Address After reset PREX 008C16 FF16 b7 b0 RW Internal count source is counted Function Setting range Prescaler X Register b7 b0 0016 to FF16 0016 to FF16 Internal count source is counted 0016 to FF16 Externally input pulses are counted 0016 to FF16 Pulse width of externally input pulses is measured (Internal count source is counted) 0016 to FF16 Pulse period of externally input pulses is measured (Internal count source is counted) 0016 to FF16 Timer mode Pulse output mode Event counter mode Pulse width measurement mode Pulse period measurement mode Mode RW RW RW RW RW RW RW Setting range 12.1 Timer (Timer X) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |