| Electronic Components Datasheet Search |
|
R8C/12 Datasheet(PDF) 46 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/12 Datasheet(HTML) 46 Page - Renesas Technology Corp |
|
46 / 198 page ![]() R8C/12 Group Rev.1.20 Jan 27, 2006 page 36 of 181 REJ09B0110-0120 Figure 10.2 Interrupt Vector Mid address Low address 0 0 0 0 High address 0 0 0 0 0 0 0 0 Vector address (L) LSB MSB Vector address (H) (Note 1) NOTES: 1.The OFS register is assigned to the 0FFFF16 address. Refer to “Figure11.2 OFS, WDC, WDTR and WDTS registers” for the OFS register details 10.1.4 Interrupts and Interrupt Vector One interrupt vector consists of 4 bytes. Set the start address of each interrupt routine in the respec- tive interrupt vectors. When an interrupt request is accepted, the CPU branches to the address set in the corresponding interrupt vector. Figure 10.2 shows the interrupt vector. • Fixed Vector Tables The fixed vector tables are allocated to the addresses from 0FFDC16 to 0FFFF16. Table 10.1 lists the fixed vector tables. In the flash memory version of microcomputer, the vector ad- dresses (H) of fixed vectors are used by the ID code check function. For details, refer to Sec- tion 17.3, “Functions to Prevent Flash Memory from Rewriting.” Table 10.1 Fixed Vector Tables 10.1 Interrupt Overview Interrupt factor Vector addresses Remarks Reference Address (L) to address (H) Undefined instruction 0FFDC16 to 0FFDF16 Interrupt on UND instruction R8C/Tiny series Overflow 0FFE016 to 0FFE316 Interrupt on INTO instruction software manual BRK instruction 0FFE416 to 0FFE716 Address match 0FFE816 to 0FFEB16 10.4 Address match interrupt Single step(1) 0FFEC16 to 0FFEF16 Watchdog timer, 0FFF016 to 0FFF316 11. Watchdog timer, oscillation stop 6. Clock generation detection circuit (Reserved) 0FFF416 to 0FFF716 (Reserved) 0FFF816 to 0FFFB16 Reset 0FFFC16 to 0FFFF16 5. Reset NOTES: 1. Do not normally use this interrupt because it is provided exclusively for use by development support tools. If the contents of address 0FFE716 is FF16, program ex- ecution starts from the address shown by the vector in the relocatable vector table. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |