Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 91Page - Renesas Technology Corp R8C/12 Datasheet HTML 92Page - Renesas Technology Corp R8C/12 Datasheet HTML 93Page - Renesas Technology Corp R8C/12 Datasheet HTML 94Page - Renesas Technology Corp R8C/12 Datasheet HTML 95Page - Renesas Technology Corp R8C/12 Datasheet HTML 96Page - Renesas Technology Corp R8C/12 Datasheet HTML 97Page - Renesas Technology Corp R8C/12 Datasheet HTML 98Page - Renesas Technology Corp R8C/12 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 198 page
background image
R8C/12 Group
Rev.1.20
Jan 27, 2006
page 85 of 181
REJ09B0110-0120
TZOUT pin output
The above applies to the following conditions;
PREZ=0116, TZPR=0116, TZSC=0216
TZOPL bit in PUM register=0, INOSTG bit=1(INT0 one-shot trigger enabled)
INOSEG bit=1(rising edge trigger)
IR bit in
TZIC register
0116
0016
0216
Wait starts
TZOPL bit in
PUM register
INT0 input pin
Contents of Timer Z
TZS bit in
TYZMR register
“1”
“0”
0116
0116
0016
Timer Z
secondary
reload
Count source
Prescaler Z
underflow signal
TZOS bit in
TYZOC register
Set to
“1” by program or “1” by INT0 pin input
trigger
“1”
“0”
“1”
“0”
“1”
“0”
“1”
“0”
“H”
“L”
Set to
“1” by program
Set to
“0” when count
completes
Count
starts
Timer Z
primary
reload
Set to
“0” when interrupt request
is acknowledged or by program
Set to
“0” by program
Waveform
output starts
Waveform
output
completes
Figure 12.27 Operation Example in Programmable Wait One-shot Generation Mode
12.3 Timer (Timer Z)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com