Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 58Page - Renesas Technology Corp R8C/12 Datasheet HTML 59Page - Renesas Technology Corp R8C/12 Datasheet HTML 60Page - Renesas Technology Corp R8C/12 Datasheet HTML 61Page - Renesas Technology Corp R8C/12 Datasheet HTML 62Page - Renesas Technology Corp R8C/12 Datasheet HTML 63Page - Renesas Technology Corp R8C/12 Datasheet HTML 64Page - Renesas Technology Corp R8C/12 Datasheet HTML 65Page - Renesas Technology Corp R8C/12 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 198 page
background image
R8C/12 Group
Rev.1.20
Jan 27, 2006
page 52 of 181
REJ09B0110-0120
Bit name
Bit symbol
Symbol
Address
After reset
AIER
000916
XXXXXX002
Address match interrupt enable register
Function
RW
Address match interrupt 0
enable bit
0 : Interrupt disabled
1 : Interrupt enabled
AIER0
Address match interrupt 1
enable bit
AIER1
b7
b6
b5
b4
b3
b2
b1
b0
0 : Interrupt disabled
1 : Interrupt enabled
RW
RW
(b7-b2)
Nothing is assigned.
When write, set to “0”.
When read, their contents are indeterminate.
Symbol
Address
After reset
RMAD0
001216 to 001016
X0000016
RMAD1
001616 to 001416
X0000016
Address setting register for address match interrupt
Function
Setting range
Address match interrupt register i (i = 0, 1)
0000016 to FFFFF16
b0 b7
b0
b3
(b19)
(b16)
b7
b0
(b15)
(b8)
b7
(b23)
RW
RW
Nothing is assigned. When write, set to “0”.
When read, its content is indeterminate.
(b7-b4)
Figure 10.17 AIER Register and RMAD0 to RMAD1 Registers
10.4 Address Match Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com