| Electronic Components Datasheet Search |
|
R8C/12 Datasheet(PDF) 90 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/12 Datasheet(HTML) 90 Page - Renesas Technology Corp |
|
90 / 198 page ![]() R8C/12 Group Rev.1.20 Jan 27, 2006 page 80 of 181 REJ09B0110-0120 12.3.3 Programmable One-shot Generation Mode In this mode, upon program command or external trigger input (input to the INT0 pin), the microcom- puter outputs the one-shot pulse from the TZOUT pin (see “Table 12.11 Programmable One-shot Generation Mode Specifications”). When a trigger occurs, the timer starts operating from the point only once for a given period equal to the set value in the TZPR register. The TZSC is unused in this mode. Figure 12.24 shows the TYZMR register and PUM register in this mode. Figure 12.25 shows an operation example in this mode. Item Specification Count source f1, f2, f8, Timer Y underflow Count operation • Downcounts set value in TZPR register • When the timer underflows, it reloads the contents of reload register before completing counting. • When a count stops, the timer reloads the contents of the reload register before it stops. Divide ratio (n+1)(m+1)/fi n: set value in PREZ register, m: set value in TZPR register Count start condition • Set TZOS bit in TYZOC register to “1” (start one-shot)(1) • Input active trigger to INT0 pin(2) Count stop condition • When reloading is completed after count value was set to "0016" • When TZS bit in TYZMR register is set to “0” (stop counting) • When TZOS bit in TYZOC register is set to “0” (stop one-shot) Interrupt request generation timing In half cycles of count source, after the timer underflows (at the same time as the TZout output ends) [Timer Z interrupt] TZOUT pin function Pulse output Use timer mode when using this pin as a programmable I/O port. _______ INT0 pin function Programmable I/O port, external interrupt input pin, or external trigger input pin _______ • When the INOSTG bit in the PUM register is set to “0” (INT0 one-shot trigger disabled) _______ Programmable I/O port or INT0 interrupt input _______ • When the INOSTG bit in the PUM register is set to “1” (INT0 one-shot trigger enabled) _______ external trigger (INT0 interrupt input) Read from timer Count value can be read out by reading TZPR register. Same applies to PREZ register. Write to timer Value written to TZPR register is written to reload register only(3). Same applies to PREZ register. Select function • Output level latch select function Output level for one-shot pulse waveform is selected by TZOPL bit. _______ • INT0 pin one-shot trigger control function and polarity select function _______ Trigger input from INT0 pin can be set to active or inactive by INOSTG bit. Also, an active trigger's polarity can be selected by INOSEG bit. NOTES: 1. The TZS bit in the TYZMR register must be set to "1" (start counting). _______ 2. The TZS bit must be set to "1" (start counting), the INT0EN bit in the INTEN register to "1" (enabling INT0 input), and _______ the INOSTG bit in the PUM register to "1" (enabling INT0 one-shot trigger). _______ Although the trigger input during counting cannot be acknowledged, the INT0 interrupt request is generated. 3. The set values are reflected beginning with the next one-shot pulse after writing to the TZPR register. Table 12.11 Programmable One-shot Generation Mode Specifications 12.3 Timer (Timer Z) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |