| Electronic Components Datasheet Search |
|
R8C/12 Datasheet(PDF) 88 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/12 Datasheet(HTML) 88 Page - Renesas Technology Corp |
|
88 / 198 page ![]() R8C/12 Group Rev.1.20 Jan 27, 2006 page 78 of 181 REJ09B0110-0120 12.3.2 Programmable Waveform Generation Mode In this mode, an signal output from the TZOUT pin is inverted each time the counter underflows, while the values in the TZPR register and TZSC register are counted alternately (see “Table 12.10 Program- mable Waveform Generation Mode Specifications”). A counting starts by counting the value set in the TZPR register. Figure 12.23 shows TYZMR and PUM registers in this mode. The Timer Z operates in the same way as the Timer Y in this mode. See Figure 12.17 (Timer Y operation example in program- mable waveform generation mode ). Item Specification Count source f1, f2, f8, Timer Y underflow Count operation • Down-count • When the timer underflows, it reloads the contents of primary reload register and sec- ondary reload register alternately before continuing counting. Output waveform width Primary period : (n+1)(m+1)/fi and period Secondary period : (n+1)(p+1)/fi Period : (n+1){(m+1)+(p+1)}/fi fi : Count source frequency n: Set value in PREZ register, m: Set value in TZPR register, p: Set value in TZSC register Count start condition Write “1” (count start) to the TZS bit in the TYZMR register Count stop condition Write “0” (count stop) to the TZS bit in the TYZMR register Interrupt request generation timing In half of count source, after timer Z underflows during secondary period (at the same time as the TZout output change) [Timer Z interrupt] TZOUT pin function Pulse output Use timer mode when using this pin as a programmable I/O port. _____ INT0 pin functions _______ Programmable I/O port, or INT0 interrupt input Read from timer Count value can be read out by reading TZPR register. Same applies to PREZ register(2). Write to timer Value written to TZPR register is written to reload register only. Same applies to TZSC register and PREZ register(3). Select function • Output level latch select function The output level during primary and secondary periods is selected by the TZOPL bit. • Programmable waveform generation output switching function The output from TZOUT is inverted synchronously when Timer Z underflows by setting the TZOCNT bit in the TYZOC register to “0”. A value in the P3_1 bit is output from the TZOUT by setting to “1”(3). NOTES: 1. Even when counting the secondary period, read out the TZPR register. 2. The set value in the TZPR register and TZSC register are made effective by writing a value to the TZPR register. The set values are reflected to the waveform output beginning with the next primary period after writing to the Timer Z primary register. 3. The TZOCNTbit is enabled in the following timings • When count starts • When Timer Z interrupt request is generated Therefore, pulse is output from the next primary period depending on the setting value of the TZOCNT bit. Table 12.10 Programmable Waveform Generation Mode Specifications 12.3 Timer (Timer Z) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |