Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 93Page - Renesas Technology Corp R8C/12 Datasheet HTML 94Page - Renesas Technology Corp R8C/12 Datasheet HTML 95Page - Renesas Technology Corp R8C/12 Datasheet HTML 96Page - Renesas Technology Corp R8C/12 Datasheet HTML 97Page - Renesas Technology Corp R8C/12 Datasheet HTML 98Page - Renesas Technology Corp R8C/12 Datasheet HTML 99Page - Renesas Technology Corp R8C/12 Datasheet HTML 100Page - Renesas Technology Corp R8C/12 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 198 page
background image
R8C/12 Group
Rev.1.20
Jan 27, 2006
page 87 of 181
REJ09B0110-0120
Symbol
Address
After reset
TC
009116-009016
000016
RW
Function
Timer C register
Symbol
Address
After reset
TM0
009D16-009C16
000016
When active edge of measurement pulse is input, the counter value of
Timer C is stored
Function
Capture register
b7
b0
b7
b0
(b15)
(b8)
b7
b0
b7
b0
(b15)
(b8)
RO
RW
RO
Internal count source is counted
"000016" can be read out by reading when TCC00 bit = 0 (stops counting)
Count value can be read out by reading when TCC00 bit = 1 (start counting)
Figure 12.29 TC Register, TM0 Register, TCC0 Register, and TCC1 Register
12.4 Timer (Timer C)
Timer C control register 0
SymbolAddressAfter reset
TCC0009A16
0016
Bit name
Function
Bit symbol
b7 b6 b5 b4 b3 b2 b1 b0
0 0 : f1
0 1 : f8
1 0 : f32
1 1 : Avoid this setting
TCC04
TCC02
TCC01
TCC00
TCC03
Timer C count start bit
Timer C count source select
bit(1)
0 : Count stop
1 : Count start
TCC07
b2 b1
Timer C control register 1
SymbolAddressAfter reset
TCC1009B16
0016
Bit name
Function
Bit symbol
b7 b6 b5 b4 b3 b2 b1 b0
TCC11
TCC10
0 0 : Rising edge
0 1 : Falling edge
1 0 : Both edges
1 1 : Avoid this setting
b4 b3
b1 b0
INT3 input filter select bit(1)
NOTES:
1. Input is recognized only when the same value from INT3 pin is sampled three times in succession.
RW
(b6-b5)
INT3 interrupt and
capture input polarity select
bit(1, 2)
INT3 interrupt and
capture input switching bit(1, 2)
0 : INT3
1 : fRING128
RW
RW
RW
RW
Reserved bit
(b7-b2)
RW
RW
RW
RW
0 0 : No filter
0 1 : Filter with f1 sampling
1 0 : Filter with f8 sampling
1 1 : Filter with f32 sampling
NOTES:
1. Change this bit when TCC00 bit is set to “0” (count stop).
2. The IR bit in the INT3IC may be set to “1” (interrupt requested) when the TCC03, TCC04, or TCC07 bit is rewritten.
Refer to the paragraph 19.2.5 “Changing Interrupt Factor” in the Usage Notes Reference Book.
0
0
0
0
0
0
RW
RW
00
reserved bit
Set to "0"
Set to "0"
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com