| Electronic Components Datasheet Search |
|
R8C/12 Datasheet(PDF) 76 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/12 Datasheet(HTML) 76 Page - Renesas Technology Corp |
|
76 / 198 page ![]() R8C/12 Group Rev.1.20 Jan 27, 2006 page 66 of 181 REJ09B0110-0120 Timer Y, Z output control register(3) SymbolAddressAfter reset TYZOC008A16 0016 Bit name Function Bit symbol b7 b6 b5 b4 b3 b2 b1 b0 TZOCNT TYOCNT TZOS Nothing is assigned. When write, set to "0". When read, its content is "0". Timer Z one-shot start bit(1) Timer Y programmable waveform generation output switching bit(2) 0 : Outputs programmable waveform 1 : Outputs the value of P32 port register 0 : Outputs programmable waveform 1 : Outputs the value of P31 port register 0 : Stops one-shot 1 : Starts one-shot Timer Z programmable waveform generation output switching bit(2) NOTES: 1. This bit is set to "0" when the output of one-shot waveform is completed. The TZOS bit should be set to "0" if the one-shot waveform output is terminated by setting the TZS bit in the TYZMR to "0" during the waveform output. 2. This bit is enabled only when operating in programmable waveform generation mode. 3. If executing an instruction which changes this register when the TZOS bit is “1” (during the count), the TZOS is automatically set to “0” when the count completes while the instruction is executed. If this causes some problems, execute an instruction which changes this register when the TZOS bit is “0” (one shot stop). RW RW RW RW (b7-b3) Figure 12.13 PREY Register, TYSC Register, TYPR Register, and TYZOC Register Timer Y primary register Timer Y secondary register SymbolAddressAfter reset TYSC008216 FF16 NOTES: 1. The values of TYPR register and TYSC register are reloaded to the counter alternately for counting. 2. The count value can be read out by reading the TYPR register even when the secondary period is being counted. SymbolAddressAfter reset PREY008116 FF16 b0 RW Internal count source or CNTR1 input is counted FunctionSetting range Prescaler Y register 0016 to FF16 Internal count source is counted 0016 to FF16 Timer mode Programmable waveform generation mode Mode RW RW SymbolAddressAfter reset TYPR008316 FF16 b7 RW Disabled FunctionSetting range Underflow of Prescaler Y is counted(1) 0016 to FF16 Timer mode Programmable waveform generation mode Mode WO(2) RW Underflow of Prescaler Y is counted FunctionSetting range Underflow of Prescaler Y is counted(1) 0016 to FF16 Timer mode Programmable waveform generation mode Mode 0016 to FF16 RW RW NOTES: 1. The values of TYPR register and TYSC register are reloaded to the counter alternately for counting. b0 b7 b0 b7 12.2 Timer (Timer Y) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |