Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 79Page - Renesas Technology Corp R8C/12 Datasheet HTML 80Page - Renesas Technology Corp R8C/12 Datasheet HTML 81Page - Renesas Technology Corp R8C/12 Datasheet HTML 82Page - Renesas Technology Corp R8C/12 Datasheet HTML 83Page - Renesas Technology Corp R8C/12 Datasheet HTML 84Page - Renesas Technology Corp R8C/12 Datasheet HTML 85Page - Renesas Technology Corp R8C/12 Datasheet HTML 86Page - Renesas Technology Corp R8C/12 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 198 page
background image
R8C/12 Group
Rev.1.20
Jan 27, 2006
page 73 of 181
REJ09B0110-0120
TZSC register
f1
f8
Timer Y underflow
f2
Toggle flip-flop
P3_1 bit in P3 register
TZOUT
Q
Q
Data bus
Reload register
Reload register
Reload register
TZPR register
Counter
Counter
PREZ register
Input polarity selected to be
one edge or both edges
Digital
filter
Polarity
select
INT0
TZS
TZOS
INOSEG
TZOCNT=0
INT0PL
TZMOD1 to TZMOD0=012, 102, 112
INT0EN
TZOCNT=1
TZOPL=0
TZOPL=1
TZMOD1 to TZMOD0=102
, 112
TZCK1 to TZCK0
=002
=012
=102
=112
Timer Z interrupt
INT0 interrupt
CK
CLR
Write to TYZMR register
TZMOD1 to TZMOD0 bits=012, 102, 112
Figure 12.19 TYZMR Register
12.3 Timer Z
Timer Z is an 8-bit timer with an 8-bit prescaler and has two reload registers-Timer Z Primary and Timer
Z Secondary. Figure 12.18 shows a block diagram of Timer Z. Figures 12.19 to 12.21 show the TYZMR,
PREZ, TZSC, TZPR, TYZOC, PUM, and TCSS registers.
Timer Z has the following four operation modes.
• Timer mode: The timer counts an internal count source or Timer Y underflow.
• Programmable waveform generation mode: The timer outputs pulses of a given width successively.
• Programmable one-shot generation mode: The timer outputs one-shot pulse.
• Programmable wait one-shot generation mode: The timer outputs delayed one-shot pulse.
Timer Y, Z mode register
SymbolAddressAfter reset
TYZMR008016
0016
Bit name
Function
Bit symbol
b7 b6 b5 b4 b3 b2 b1 b0
0 0 : Timer mode
0 1 : Programmable waveform generation mode
1 0 : Programmable one-shot generation mode
1 1 : Programmable wait one-shot generation
mode
TZMOD1
TYS
TYWC
TYMOD0
TZMOD0
Timer Y operation
mode bit
Timer Y write
control bit
Function varies depending on the operation
mode
0 : Timer mode
1 : Programmable waveform generation mode
TZWC
TZS
0 : Stops counting
1 : Starts counting
0 : Stops counting
1 : Starts counting
Timer Z count
start flag
Timer Z operation
mode bit
b5 b4
Timer Y count
start flag
Timer Z write
control bit
Function varies depending on the operation
mode
RW
RW
RW
RW
RW
RW
RW
RW
RW
R1EDG
0 : Rising edge
1 : Falling edge
INT2/CNTR1 polarity
switching bit(1)
NOTES:
1. The IR bit in the INT2IC register may be set to “1” (interrupt requested) when the R1EDG bit is rewritten.
Refer to the paragraph 19.2.5 “Changing Interrupt Factor” in the Usage Notes Reference Book.
Figure 12.18 Timer Z Block Diagram
12.3 Timer (Timer Z)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com