| Electronic Components Datasheet Search |
|
R8C/12 Datasheet(PDF) 54 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/12 Datasheet(HTML) 54 Page - Renesas Technology Corp |
|
54 / 198 page ![]() R8C/12 Group Rev.1.20 Jan 27, 2006 page 44 of 181 REJ09B0110-0120 • Interrupt Priority If two or more interrupt requests are generated while executing one instruction, the interrupt request that has the highest priority is accepted. For maskable interrupts (peripheral functions), any desired priority level can be selected using the ILVL2 to ILVL0 bits. However, if two or more maskable interrupts have the same priority level, their interrupt priority is resolved by hardware, with the highest priority interrupt accepted. The watchdog timer and other special interrupts have their priority levels set in hardware. Figure 10.8 shows the Hardware Interrupt Priority. Software interrupts are not affected by the interrupt priority. If an instruction is executed, control branches invariably to the interrupt routine. • Returning from an Interrupt Routine The FLG register and PC in the state in which they were immediately before entering the interrupt sequence are restored from the stack by executing the REIT instruction at the end of the interrupt routine. Thereafter the CPU returns to the program which was being executed before accepting the interrupt request. Return the other registers saved by a program within the interrupt routine using the POPM or similar instruction before executing the REIT instruction. Figure 10.8 Hardware Interrupt Priority Reset > WDT/Oscillation stop detection > Peripheral function > Single step > Address match 10.1 Interrupt Overview |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |