Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 47Page - Renesas Technology Corp R8C/12 Datasheet HTML 48Page - Renesas Technology Corp R8C/12 Datasheet HTML 49Page - Renesas Technology Corp R8C/12 Datasheet HTML 50Page - Renesas Technology Corp R8C/12 Datasheet HTML 51Page - Renesas Technology Corp R8C/12 Datasheet HTML 52Page - Renesas Technology Corp R8C/12 Datasheet HTML 53Page - Renesas Technology Corp R8C/12 Datasheet HTML 54Page - Renesas Technology Corp R8C/12 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 198 page
background image
R8C/12 Group
Rev.1.20
Jan 27, 2006
page 41 of 181
REJ09B0110-0120
Figure 10.4 Time Required for Executing Interrupt Sequence
• Interrupt Sequence
An interrupt sequence — what are performed over a period from the instant an interrupt is accepted
to the instant the interrupt routine is executed — is described here.
If an interrupt occurs during execution of an instruction, the processor determines its priority when
the execution of the instruction is completed, and transfers control to the interrupt sequence from the
next cycle. If an interrupt occurs during execution of either the SMOVB, SMOVF, SSTR or RMPA
instruction, the processor temporarily suspends the instruction being executed, and transfers control
to the interrupt sequence.
The CPU behavior during the interrupt sequence is described below. Figure 10.4 shows time re-
quired for executing the interrupt sequence.
(1) The CPU gets interrupt information (interrupt number and interrupt request priority level) by read-
ing the address 0000016. Then it clears the IR bit for the corresponding interrupt to “0” (interrupt
not requested).
(2) The FLG register immediately before entering the interrupt sequence is saved to the CPU internal
temporary register(1).
(3) The I, D and U flags in the FLG register become as follows:
The I flag is cleared to “0” (interrupts disabled).
The D flag is cleared to “0” (single-step interrupt disabled).
The U flag is cleared to “0” (ISP selected).
However, the U flag does not change state if an INT instruction for software interrupt numbers 32 to
63 is executed.
(4) The CPU’s internal temporary register (1) is saved to the stack.
(5) The PC is saved to the stack.
(6) The interrupt priority level of the accepted interrupt is set in the IPL.
(7) The start address of the relevant interrupt routine set in the interrupt vector is stored in the PC.
After the interrupt sequence is completed, the processor resumes executing instructions from the start
address of the interrupt routine.
NOTES:
1. This register cannot be used by user.
Indeterminate
Indeterminate
SP-2
contents
SP-4
contents
VEC
contents
VEC+2
contents
Interrupt
information
Address
000016
Indeterminate
SP-2
SP-4
VEC
VEC+2
PC
CPU clock
Address bus
Data bus
WR
The indeterminate state depends on the instruction queue buffer. A read cycle occurs when the instruction queue buffer is ready
to accept instructions.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
RD
VEC+1
contents
SP-3
contents
SP-1
SP-3
VEC+1
SP-1
contents
10.1 Interrupt Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com