Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 85Page - Renesas Technology Corp R8C/12 Datasheet HTML 86Page - Renesas Technology Corp R8C/12 Datasheet HTML 87Page - Renesas Technology Corp R8C/12 Datasheet HTML 88Page - Renesas Technology Corp R8C/12 Datasheet HTML 89Page - Renesas Technology Corp R8C/12 Datasheet HTML 90Page - Renesas Technology Corp R8C/12 Datasheet HTML 91Page - Renesas Technology Corp R8C/12 Datasheet HTML 92Page - Renesas Technology Corp R8C/12 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 198 page
background image
R8C/12 Group
Rev.1.20
Jan 27, 2006
page 79 of 181
REJ09B0110-0120
Figure 12.23 TYZMR Register and PUM Register in Programmable Waveform Generation Mode
Bit name
Function
Bit symbol
Timer Y, Z waveform output control register
Symbol
Address
After reset
PUM
008416
0016
b7 b6 b5 b4 b3 b2 b1 b0
TYOPL
TZOPL
INOSEG
INOSTG
INT0 pin one-shot
trigger polarity select bit
Timer Z output level
latch
Timer Y-related bit
INT0 pin one-shot
trigger control bit
Must set to “0” in programmable waveform
generation mode
Must set to “0” in programmable waveform
generation mode
0 : Outputs "H" for primary period
Outputs "L" for secondary period
Outputs "L" when the timer is stopped
1 : Outputs "L" for primary period
Outputs "H" for secondary period
Outputs "H" when the timer is stopped
(b3-b0)
Reserved bit
Must set to “0”
RW
RW
RW
RW
RW
RW
0
0
0
0
0
0
12.3 Timer (Timer Z)
Timer Y, Z mode register
SymbolAddressAfter reset
TYZMR008016
0016
Bit name
Function
Bit symbol
b7 b6 b5 b4 b3 b2 b1 b0
TZMOD1
TYS
TYWC
TYMOD0
TZMOD0
Timer Y-related bit
TZWC
TZS
0 : Stops counting
1 : Starts counting
Timer Z count
start flag
Timer Z operation
mode bit
b5 b4
Timer Z write
control bit
0
NOTES:
1. When TZS bit=1(starts counting), the timer Y count vaue is written to the reload register only.
When TZS bit=0(stops counting), the timer Y count value is written to both reload register and counter.
RW
RW
RW
RW
RW
RW
RW
RW
R1EDG
RW
Set to "1" in programmable waveform generation
mode(1)
0 1 : Programmable waveform generation mode
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com