Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 87Page - Renesas Technology Corp R8C/12 Datasheet HTML 88Page - Renesas Technology Corp R8C/12 Datasheet HTML 89Page - Renesas Technology Corp R8C/12 Datasheet HTML 90Page - Renesas Technology Corp R8C/12 Datasheet HTML 91Page - Renesas Technology Corp R8C/12 Datasheet HTML 92Page - Renesas Technology Corp R8C/12 Datasheet HTML 93Page - Renesas Technology Corp R8C/12 Datasheet HTML 94Page - Renesas Technology Corp R8C/12 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 198 page
background image
R8C/12 Group
Rev.1.20
Jan 27, 2006
page 81 of 181
REJ09B0110-0120
Figure 12.24 TYZMR Register and PUM Register in Programmable One-shot Generation Mode
Bit name
Function
Bit symbol
Timer Y, Z waveform output control register
SymbolAddressAfter reset
PUM008416
0016
b7 b6 b5 b4 b3 b2 b1 b0
TYOPL
TZOPL
INOSEG
INOSTG
INT0 pin one-shot trigger
polarity select bit(1)
Timer Z output level
latch
Timer Y-related bit
INT0 pin one-shot trigger
control bit(2)
Reserved bit
Must set to “0”
(b3-b0)
RW
RW
RW
RW
RW
RW
0
0
0
0
0 : Edge trigger at falling edge
1 : Edge trigger at rising edge
0 : Outputs "H" level one-shot pulse.
Outputs "L" when the timer is stopped.
1 : Outputs "L" level one-shot pulse
Outputs "H" when the timer is stopped.
0 : INT0 pin one-shot trigger disabled
1 : INT0 pin one-shot trigger enabled(2)
NOTES:
1. The INOSEG bit is valid only when the INT0PL bit in the INTEN register is set to "0" (one-edge).
2. The INOSGT bit must be set to “1” after the INT0EN bit in the INTEN register and the INOSEG bit in the PUM register are set.
When setting the INOSTG bit to "1" (INT0 pin one-shot trigger enabled), the INT0F0 and INT0F1 bits in the INT0F register
must be set.
The INOSTG bit must be set to “0” (INT0 pin one-shot trigger disabled) after the TZS bit in the TYZMR register is set to “0”
(count stop).
12.3 Timer (Timer Z)
Timer Y, Z mode register
Symbol
Address
After reset
TYZMR
008016
0016
Bit name
Function
Bit symbol
b7 b6 b5 b4 b3 b2 b1 b0
TZMOD1
TYS
TYWC
TYMOD0
TZMOD0
Timer Y-related bit
TZWC
TZS
0 : Stops counting
1 : Starts counting
Timer Z count
start flag
Timer Z operation
mode bit
b5 b4
Timer Z write
control bit
1
NOTES:
1. When the TZS bit is set to “1”(count starts), the count value is written to the reload register only.
When the TZS bit is set to “0”(count stops), the count value is written to both the reload register and counter.
RW
RW
RW
RW
RW
RW
RW
RW
R1EDG
RW
Set to "1" in programmable one-shot generation
mode(1)
0
1
1 0 : Programmable one-shot generation mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com