Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 29Page - Renesas Technology Corp R8C/12 Datasheet HTML 30Page - Renesas Technology Corp R8C/12 Datasheet HTML 31Page - Renesas Technology Corp R8C/12 Datasheet HTML 32Page - Renesas Technology Corp R8C/12 Datasheet HTML 33Page - Renesas Technology Corp R8C/12 Datasheet HTML 34Page - Renesas Technology Corp R8C/12 Datasheet HTML 35Page - Renesas Technology Corp R8C/12 Datasheet HTML 36Page - Renesas Technology Corp R8C/12 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 198 page
background image
R8C/12 Group
Rev.1.20
Jan 27, 2006
page 23 of 181
REJ09B0110-0120
6.3 CPU Clock and Peripheral Function Clock
There are two types of clocks: CPU clock to operate the CPU and peripheral function clock to operate the
peripheral functions. Also refer to “Figure 6.1 Clock Generating Circuit”.
6.3.1 CPU Clock
This is an operating clock for the CPU and watchdog timer.
The clock source for the CPU clock can be chosen to be the main clock or on-chip oscillator clock.
The selected clock source can be divided by 1 (undivided), 2, 4, 8 or 16 to produce the CPU clock. Use
the CM06 bit in the CM0 register and the CM17 to CM16 bits in the CM1 register to select the divide-
by-n value.
After reset, the low-speed on-chip oscillator clock divided by 8 provides the CPU clock.
Note that when entering stop mode from high or middle speed mode, the CM06 bit is set to “1” (divide-
by-8 mode).
6.3.2 Peripheral Function Clock (f1, f2, f8, f32, fAD, f1SIO, f8SIO, f32SIO)
These are operating clocks for the peripheral functions.
Of these, fi (i=1, 2, 8, 32) is derived from the main clock or on-chip oscillator clock by dividing them by
i. The clock fi is used for timers X, Y, Z and C.
The clock fjSIO (j=1, 8, 32) is derived from the main clock or on-chip oscillator clock by dividing them by
j. The clock fjSIO is used for serial interface.
The fAD clock is produced from the main clock is used for the A/D converter.
When the WAIT instruction is executed after setting the CM02 bit in the CM0 register to “1” (peripheral
function clock turned off during wait mode), the clocks fi, fjSIO, and fAD are turned off.
6.3.3 fRING and fRING128
These are operating clocks for the peripheral functions.
The fRING runs at the same frequency as the on-chip oscillator, and can be used as the source for the
timer Y. The fRING128 is derived from the fRING by dividing it by 128, and can used for Timer C.
When the WAIT instruction is executed, the clocks fRING and fRING128 are not turned off.
6.3 CPU Clock and Peripheral Function Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com