Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 60Page - Renesas Technology Corp R8C/12 Datasheet HTML 61Page - Renesas Technology Corp R8C/12 Datasheet HTML 62Page - Renesas Technology Corp R8C/12 Datasheet HTML 63Page - Renesas Technology Corp R8C/12 Datasheet HTML 64Page - Renesas Technology Corp R8C/12 Datasheet HTML 65Page - Renesas Technology Corp R8C/12 Datasheet HTML 66Page - Renesas Technology Corp R8C/12 Datasheet HTML 67Page - Renesas Technology Corp R8C/12 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 198 page
background image
R8C/12 Group
11. Watchdog Timer
Rev.1.20
Jan 27, 2006
page 54 of 181
REJ09B0110-0120
Watchdog timer start register
Symbol
Address
After reset
WDTS
000E16
Indeterminate
WO
b7
b0
Function
The watchdog timer starts counting after a write instruction to this register.
RW
Watchdog timer reset register
Symbol
Address
After reset
WDTR
000D16
Indeterminate
WO
b7
b0
Function
RW
The watchdog is initialized after a write instruction to this register.
The watchdog timer value is always initialized to “7FFF16” regardless of
whatever value is written.
Figure 11.2 OFS, WDC, WDTR , and WDTS Registers
Watchdog timer control register
Symbol
Address
After reset
WDC
000F16
000111112
Function
Bit symbol
RW
b7
b6
b5
b4
b3
b2
b1
b0
High-order bit of watchdog timer
WDC7
Bit name
Prescaler select bit
0 : Divided by 16
1 : Divided by 128
Reserved bit
Must set to “0”
0
RO
RW
RW
RW
(b4-b0)
(b6)
0
(b5)
Reserved bit
Must set to “0”
Option function select register(1)
SymbolAddress
Before shipment
OFS
0FFFF16
FF16
Function
Bit symbol
RW
b7b6b5b4b3b2b1b0
Watchdog timer
start select bit
Bit name
1
RW
WDTON
(b7 - b1)
Reserved bit
Set to “1”
1
1 1 11 1
RW
0: The watchdog timer starts automatically after reset
1: The watchdog timer is inactive after reset
NOTES:
1. The OFS register can not be changed in a program. Write using a flash writer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com