Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 78Page - Renesas Technology Corp R8C/12 Datasheet HTML 79Page - Renesas Technology Corp R8C/12 Datasheet HTML 80Page - Renesas Technology Corp R8C/12 Datasheet HTML 81Page - Renesas Technology Corp R8C/12 Datasheet HTML 82Page - Renesas Technology Corp R8C/12 Datasheet HTML 83Page - Renesas Technology Corp R8C/12 Datasheet HTML 84Page - Renesas Technology Corp R8C/12 Datasheet HTML 85Page - Renesas Technology Corp R8C/12 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 198 page
background image
R8C/12 Group
Rev.1.20
Jan 27, 2006
page 72 of 181
REJ09B0110-0120
CNTR1 pin output
"H"
"L"
IR bit in TYIC
register
"1"
"0"
TYS bit in TYZMR
register
"1"
"0"
Set to "1" by program
Count starts
0116
0016
0216
Set to "0" when interrupt request is
accepted, or set by program
Waveform output
started
Waveform output
inverted
Waveform output
inverted
"1"
"0"
TYOPL bit in PUM
register
Contents of Timer Y
Count source
Primary period
Secondary period
Primary period
Prescaler Y
underflow signal
0116
0016
0116
0016
0216
Timer Y
primary
reloads
Timer Y
secondary
reloads
Conditions: PREY=0116, TYPR=0116, TYSC=0216
TYZOC register TYOCNT bit = 0
Set to "0" by program
Figure 12.17 Timer Y Operation Example in Programmable Waveform Generation Mode
12.2 Timer (Timer Y)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com