| Electronic Components Datasheet Search |
|
R8C/12 Datasheet(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/12 Datasheet(HTML) 16 Page - Renesas Technology Corp |
|
16 / 198 page ![]() Rev.1.20 Jan 27, 2006 page 6 of 181 REJ09B0110-0120 R8C/12 Group 1. Overview Signal name Pin name I/O type Power supply Vcc, I input Vss IVcc IVcc O Analog power AVcc, I supply input AVss Reset input ___________ RESET I CNVss CNVss I MODE MODE I Main clock input XIN I Main clock output XOUT O _____ INT interrupt input _______ _______ INT0 to INT3 I Key input interrupt _____ _____ KI0 to KI3 I Timer X CNTR0 I/O __________ CNTR0 O Timer Y CNTR1 I/O Timer Z TZOUT O Timer C TCIN I Serial interface CLK0 I/O RxD0, RxD1 I TxD0, TxD10,O TxD11 Reference voltage VREF I input A/D converter AN0 to AN7 I I/O port P00 to P07, I/O P10 to P17, P30 to P33, P37, P45 Input port P46, P47 I Function Apply 2.7 V to 5.5 V to the Vcc pin. Apply 0 V to the Vss pin. This pin is to stabilize internal power supply. Connect this pin to Vss via a capacitor (0.1 µF). Do not connect to Vcc. Power supply input pins for A/D converter. Connect the AVcc pin to Vcc. Connect the AVss pin to Vss. Connect a capacitor between pins AVcc and AVss. Input “L” on this pin resets the MCU. Connect this pin to Vss via a resistor.(1) Connect this pin to Vcc via a resistor. These pins are provided for the main clock generat- ing circuit I/O. Connect a ceramic resonator or a crys- tal oscillator between the XIN and XOUT pins. To use an externally derived clock, input it to the XIN pin and leave the XOUT pin open. ______ INT interrupt input pins. Key input interrupt pins. Timer X I/O pin Timer X output pin Timer Y I/O pin Timer Z output pin Timer C input pin Transfer clock I/O pin. Serial data input pins. Serial data output pins. Reference voltage input pin for A/sD converter. Con- nect the VREF pin to Vcc. Analog input pins for A/D converter These are 8-bit CMOS I/O ports. Each port has an input/output select direction register, allowing each pin in that port to be directed for input or output indi- vidually. Any port set to input can select whether to use a pull- up resistor or not by program. P10 to P17 also function as LED drive ports. Port for input-only. 1.6 Pin Description Table 1.3 shows the pin description Table 1.3 Pin description NOTES : 1. Refer to "19.8 Noise" for the connecting reference resistor value. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |