Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 23Page - Renesas Technology Corp R8C/12 Datasheet HTML 24Page - Renesas Technology Corp R8C/12 Datasheet HTML 25Page - Renesas Technology Corp R8C/12 Datasheet HTML 26Page - Renesas Technology Corp R8C/12 Datasheet HTML 27Page - Renesas Technology Corp R8C/12 Datasheet HTML 28Page - Renesas Technology Corp R8C/12 Datasheet HTML 29Page - Renesas Technology Corp R8C/12 Datasheet HTML 30Page - Renesas Technology Corp R8C/12 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 198 page
background image
R8C/12 Group
Rev.1.20
Jan 27, 2006
page 17 of 181
REJ09B0110-0120
• CPU clock source
• Peripheral function clock source
Use of clock
Main clock
oscillation circuit
Item
Clock frequency
0 to 16 MHz
• Ceramic resonator
• Crystal oscillator
Usable oscillator
XIN, XOUT(1)
Pins to connect
oscillator
Present
Oscillation starts
and stops
Stopped
Oscillator status
after reset
Externally derived
clock can be input
Other
On-chip oscillator
• CPU clock source
• Peripheral function clock source
• CPU and peripheral function
clock sources when the main
clock stops oscillating
About 125 kHz
Present
Oscillating
NOTES:
1. Can be used as P46 and P47 when the on-chip oscillator clock is used for CPU clock
while the main clock oscillation circuit is not used.
• CPU and peripheral function
clock sources when the
main clock stops oscillating
(Note 1)
6. Clock Generation Circuit
The clock generation circuit contains two oscillator circuits as follows:
• Main clock oscillation circuit
• On-chip oscillator (with oscillation stop detection function)
Table 6.1 lists the clock generation circuit specifications. Figure 6.1 shows the clock generation circuit.
Figures 6.2 and 6.3 show the clock-related registers.
Table 6.1 Clock Generation Circuit Specifications
6. Clock Generation Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com