Electronic Components Datasheet Search
  English  ▼

X  

R8C/12 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # R8C/12
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / R8C /Tiny SERIES
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/12 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button R8C/12 Datasheet HTML 128Page - Renesas Technology Corp R8C/12 Datasheet HTML 129Page - Renesas Technology Corp R8C/12 Datasheet HTML 130Page - Renesas Technology Corp R8C/12 Datasheet HTML 131Page - Renesas Technology Corp R8C/12 Datasheet HTML 132Page - Renesas Technology Corp R8C/12 Datasheet HTML 133Page - Renesas Technology Corp R8C/12 Datasheet HTML 134Page - Renesas Technology Corp R8C/12 Datasheet HTML 135Page - Renesas Technology Corp R8C/12 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 198 page
background image
R8C/12 Group
15. Programmable I/O Ports
Rev.1.20
Jan 27, 2006
page 122 of 181
REJ09B0110-0120
Pull-up control register 0
Symbol
Address
After reset
PUR0
00FC16
00XX00002
Bit nameFunction
Bit symbol
RW
b7b6b5b4b3b2
b1b0
PU00P00 to P03 pull-up(1)
PU01P04 to P07 pull-up(1)
PU02P10 to P13 pull-up(1)
PU06P30 to P33 pull-up(1)
PU07P37 pull-up(1)
Nothing is assigned.
When write, set to “0”. When read, its content is indeterminate.
(b5-b4)
0 : Not pulled high
1 : Pulled high(1)
Pull-up control register 1
Symbol
Address
After reset
PUR1
00FD16
XXXXXX0X2
Bit name
Function
Bit symbol
b7b6b5b4b3b2
b1b0
PU11P45 pull-up(1)
NOTES:
1. The pin for which this bit is “1” (pulled high) and the direction bit is “0” (input mode) is pulled high.
RW
RW
RW
PU03P14 to P17 pull-up(1)
RW
RW
RW
RW
RW
Port P1 drive capacity control register
Symbol
Address
After reset
DRR
00FE16
0016
Bit name
Function
Bit symbol
b7b6b5
b4b3b2b1b0
DRR0
P10 drive capacity
DRR1P11 drive capacity
DRR2P12 drive capacity
DRR3P13 drive capacity
DRR4P14 drive capacity
DRR5P15 drive capacity
0 : LOW
1 : HIGH
RW
RW
RW
RW
RW
RW
RW
0 : Not pulled high
1 : Pulled high(1)
0 : Not pulled up
1 : Pulled up(1)
Nothing is assigned.
When write, set to “0”. When read, its content is indeterminate.
(b0)
Nothing is assigned.
When write, set to “0”. When read, its content is indeterminate.
(b7-b2)
NOTES:
1. The P45 pin for which the PU11 bit is “1” (pulled high) and the PD4_5 bit is “0” (input mode) is pulled high.
DRR6P16 drive capacity
DRR7
P17 drive capacity
RW
RW
Set P1 N-channel output transistor
drive capacity
Figure 15.8 PUR0 Register, PUR1 Register, and DRR Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com