| Electronic Components Datasheet Search |
|
HD64F36034 Datasheet(PDF) 342 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36034 Datasheet(HTML) 342 Page - Renesas Technology Corp |
|
342 / 592 page ![]() Section 15 Controller Area Network for Tiny (TinyCAN) Rev. 4.00 Mar. 15, 2006 Page 310 of 556 REJ09B0026-0400 15.3.11 Data Frame Receive Complete Register (RXPR) RXPR is a status flag that indicates the successful reception of data frame messages in the corresponding Mailboxes. When the received data frame is successfully stored in the receive Mailbox, the corresponding RXPR bit is set to 1. When a remote frame is received, the bit is not set to 1. Bit Bit Name Initial Value R/W Description 7 to 4 — All 0 — Reserved These bits are always read as 0. 3 2 1 0 MB3 MB2 MB1 MB0 0 0 0 0 R/(W)* R/(W)* R/(W)* R/(W)* [Setting condition] When the corresponding Mailbox has completed reception of a data frame [Clearing condition] When 1 is written to these bits Note: * Only 1 can be written to clear the flag. 15.3.12 Remote Request Register (RFPR) RFPR is a status flag that indicates successful reception of remote frames in the corresponding Mailboxes. When a data frame is received, the corresponding RFPR bit is not set to 1. Bit Bit Name Initial Value R/W Description 7 to 4 — All 0 — Reserved These bits are always read as 0. 3 2 1 0 MB3 MB2 MB1 MB0 0 0 0 0 R/(W)* R/(W)* R/(W)* R/(W)* [Setting condition] When the corresponding Mailbox has completed reception of a remote frame [Clearing condition] When 1 is written to these bits Note: * Only 1 can be written to clear the flag. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |