Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 339 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 339 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 335Page - Renesas Technology Corp HD64F36034 Datasheet HTML 336Page - Renesas Technology Corp HD64F36034 Datasheet HTML 337Page - Renesas Technology Corp HD64F36034 Datasheet HTML 338Page - Renesas Technology Corp HD64F36034 Datasheet HTML 339Page - Renesas Technology Corp HD64F36034 Datasheet HTML 340Page - Renesas Technology Corp HD64F36034 Datasheet HTML 341Page - Renesas Technology Corp HD64F36034 Datasheet HTML 342Page - Renesas Technology Corp HD64F36034 Datasheet HTML 343Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 592 page
background image
Section 15 Controller Area Network for Tiny (TinyCAN)
Rev. 4.00 Mar. 15, 2006 Page 307 of 556
REJ09B0026-0400
15.3.7
Transmit Pending Register (TXPR)
TXPR sets transmit pending (CAN bus arbitration wait) for the transmit message that is stored in a
Mailbox. Setting the corresponding bit in TXPR to 1 enables a message to be transmitted. Writing
0 to the bit in TXPR is ignored.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 4
—
All 0
—
Reserved
These bits are always read as 0.
3
2
1
MB3
MB2
MB1
0
0
0
R/W
R/W
R/W
[Setting condition]
When the corresponding MBCR bit for a mailbox is 0, the
corresponding bit in TXPR is set to 1
(n = 3 to 1)
[Clearing conditions]
• When message transmission has completed
successfully (TXACKn set)
• When transmission cancellation for an untransmitted
message has finished (ABACKn set)
• When a transmission cancellation request has
occurred during message transmission, and an error
occurs or arbitration is lost on the CAN bus (ABACKn
set)
• When a transmit error or arbitration loss occurred with
the corresponding DART bit for a message being
transmitted set to 1
If the message is not transmitted successfully, the MBn
bit is not cleared to 0. If any of these MB bits in TXPR are
cleared to 0, the EMPI bit in TCIRR1 is set to 1. The
TinyCAN automatically attempts retransmission as long
as the DART bit in the message control of the
corresponding Mailbox is not set to 1 or the
corresponding bit in TXCR is not set to 1.
Note:
When the MBn bit in MBCR is set to 1, the
TinyCAN does not transmit a message even if
the MBn bit in TXPR is set to 1. To clear the
MBn bit in TXPR to 0, set the MBn bit in TXCR
to 1 beforehand.
0
—
0
—
Reserved
This bit is always read as 0. This bit is relevant to the
receive-only Mailbox, and its value cannot be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com