Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 104Page - Renesas Technology Corp HD64F36034 Datasheet HTML 105Page - Renesas Technology Corp HD64F36034 Datasheet HTML 106Page - Renesas Technology Corp HD64F36034 Datasheet HTML 107Page - Renesas Technology Corp HD64F36034 Datasheet HTML 108Page - Renesas Technology Corp HD64F36034 Datasheet HTML 109Page - Renesas Technology Corp HD64F36034 Datasheet HTML 110Page - Renesas Technology Corp HD64F36034 Datasheet HTML 111Page - Renesas Technology Corp HD64F36034 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 592 page
background image
Section 5 Clock Pulse Generators
Rev. 4.00 Mar. 15, 2006 Page 76 of 556
REJ09B0026-0400
5.2
Prescaler
5.2.1
Prescaler S
Prescaler S is a 13-bit counter using the system clock (
φ) as its input clock. It is incremented once
per clock period. Prescaler S is initialized to H'0000 by a reset, and starts counting on exit from
the reset state. In standby mode, subactive mode, and subsleep mode, the system clock pulse
generator stops. Prescaler S also stops and is initialized to H'0000. The CPU cannot read or write
prescaler S. The output from prescaler S is shared by the on-chip peripheral modules. The divider
ratio can be set separately for each on-chip peripheral function. In active mode and sleep mode,
the clock input to prescaler S is determined by the division ratio designated by the MA2 to MA0
bits in SYSCR2.
5.3
Usage Notes
5.3.1
Note on Resonators
Resonator characteristics are closely related to board design and should be carefully evaluated by
the user, referring to the examples shown in this section. Resonator circuit constants will differ
depending on the resonator element, stray capacitance in its interconnecting circuit, and other
factors. Suitable constants should be determined in consultation with the resonator element
manufacturer. Design the circuit so that the resonator element never receives voltages exceeding
its maximum rating.
5.3.2
Notes on Board Design
When using a crystal resonator (ceramic resonator), place the resonator and its load capacitors as
close as possible to the OSC
1 and OSC2 pins. Other signal lines should be routed away from the
resonator circuit to prevent induction from interfering with correct oscillation (see figure 5.7).
OSC1
OSC2
C1
C2
Signal A
Signal B
Avoid
Figure 5.7 Example of Incorrect Board Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com