Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 106Page - Renesas Technology Corp HD64F36034 Datasheet HTML 107Page - Renesas Technology Corp HD64F36034 Datasheet HTML 108Page - Renesas Technology Corp HD64F36034 Datasheet HTML 109Page - Renesas Technology Corp HD64F36034 Datasheet HTML 110Page - Renesas Technology Corp HD64F36034 Datasheet HTML 111Page - Renesas Technology Corp HD64F36034 Datasheet HTML 112Page - Renesas Technology Corp HD64F36034 Datasheet HTML 113Page - Renesas Technology Corp HD64F36034 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 592 page
background image
Section 6 Power-Down Modes
Rev. 4.00 Mar. 15, 2006 Page 78 of 556
REJ09B0026-0400
6.1
Register Descriptions
The registers related to power-down modes are listed below.
• System control register 1 (SYSCR1)
• System control register 2 (SYSCR2)
• Module standby control register 1 (MSTCR1)
• Module standby control register 2 (MSTCR2)
6.1.1
System Control Register 1 (SYSCR1)
SYSCR1 controls the power-down modes, as well as SYSCR2.
Bit
Bit Name
Initial
Value
R/W
Description
7
SSBY
0
R/W
Software Standby
This bit selects the mode to transit after the execution of
the SLEEP instruction.
0: Enters sleep mode or subsleep mode.
1: Enters standby mode.
For details, see table 6.2.
6
5
4
STS2
STS1
STS0
0
0
0
R/W
R/W
R/W
Standby Timer Select 2 to 0
These bits designate the time the CPU and peripheral
modules wait for stable clock operation after exiting from
standby mode, subactive mode, or subsleep mode to
active mode or sleep mode due to an interrupt. The
designation should be made according to the clock
frequency so that the waiting time is at least 6.5 ms. The
relationship between the specified value and the number
of wait states is shown in table 6.1. When an external
clock is to be used, the minimum value (STS2 = STS1 =
STS0 =1) is recommended.
3 to 0
All 0
Reserved
These bits are always read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com