Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 108Page - Renesas Technology Corp HD64F36034 Datasheet HTML 109Page - Renesas Technology Corp HD64F36034 Datasheet HTML 110Page - Renesas Technology Corp HD64F36034 Datasheet HTML 111Page - Renesas Technology Corp HD64F36034 Datasheet HTML 112Page - Renesas Technology Corp HD64F36034 Datasheet HTML 113Page - Renesas Technology Corp HD64F36034 Datasheet HTML 114Page - Renesas Technology Corp HD64F36034 Datasheet HTML 115Page - Renesas Technology Corp HD64F36034 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 592 page
background image
Section 6 Power-Down Modes
Rev. 4.00 Mar. 15, 2006 Page 80 of 556
REJ09B0026-0400
Bit
Bit Name
Initial
Value
R/W
Description
1
0
SA1
SA0
0
0
R/W
R/W
Subactive Mode Clock Select 1 and 0
These bits select the operating clock frequency in
subactive and subsleep modes. The operating clock
frequency changes to the set frequency after the SLEEP
instruction is executed.
00:
φ
W/8
01:
φ
W/4
1X:
φ
W/2
[Legend]
X: Don't care.
6.1.3
Module Standby Control Register 1 (MSTCR1)
MSTCR1 allows the on-chip peripheral modules to enter a standby state in module units.
Bit
Bit Name
Initial
Value
R/W
Description
7, 6
All 0
Reserved
These bits are always read as 0.
5
MSTS3
0
R/W
SCI3 Module Standby
The SCI3 enters standby mode when this bit is set to 1.
4
MSTAD
0
R/W
A/D Converter Module Standby
The A/D converter enters standby mode when this bit is
set to 1.
3
MSTWD
0
R/W
Watchdog Timer Module Standby
The watchdog timer enters standby mode when this bit is
set to 1. When the internal oscillator is selected for the
watchdog timer clock, the watchdog timer operates
regardless of the setting of this bit.
2
0
Reserved
This bit is always read as 0.
1
MSTTV
0
R/W
Timer V Module Standby
The timer V enters standby mode when this bit is set to 1.
0
0
Reserved
This bit is always read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com