Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 107Page - Renesas Technology Corp HD64F36034 Datasheet HTML 108Page - Renesas Technology Corp HD64F36034 Datasheet HTML 109Page - Renesas Technology Corp HD64F36034 Datasheet HTML 110Page - Renesas Technology Corp HD64F36034 Datasheet HTML 111Page - Renesas Technology Corp HD64F36034 Datasheet HTML 112Page - Renesas Technology Corp HD64F36034 Datasheet HTML 113Page - Renesas Technology Corp HD64F36034 Datasheet HTML 114Page - Renesas Technology Corp HD64F36034 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 592 page
background image
Section 6 Power-Down Modes
Rev. 4.00 Mar. 15, 2006 Page 79 of 556
REJ09B0026-0400
Table 6.1
Operating Frequency and Waiting Time
Bit Name
Operating Frequency
STS2 STS1 STS0 Waiting Time
20 MHz
16 MHz
10 MHz
8 MHz 4 MHz 2 MHz 1 MHz 0.5 MHz
0
0
0
8,192 states
0.4
0.5
0.8
1.0
2.0
4.1
8.1
16.4
1
16,384 states
0.8
1.0
1.6
2.0
4.1
8.2
16.4
32.8
1
0
32,768 states
1.6
2.0
3.3
4.1
8.2
16.4
32.8
65.5
1
65,536 states
3.3
4.1
6.6
8.2
16.4
32.8
65.5
131.1
1
0
0
131,072 states
6.6
8.2
13.1
16.4
32.8
65.5
131.1
262.1
1
1,024 states
0.05
0.06
0.10
0.13
0.26
0.51
1.02
2.05
1
0
128 states
0.00
0.00
0.01
0.02
0.03
0.06
0.13
0.26
1
16 states
0.00
0.00
0.00
0.00
0.00
0.01
0.02
0.03
Note:
Time unit is ms.
6.1.2
System Control Register 2 (SYSCR2)
SYSCR2 controls the power-down modes, as well as SYSCR1.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
SMSEL
LSON
DTON
0
0
0
R/W
R/W
R/W
Sleep Mode Selection
Low Speed on Flag
Direct Transfer on Flag
These bits select the mode to enter after the execution of
a SLEEP instruction, as well as the SSBY bit in SYSCR1.
For details, see table 6.2.
4
3
2
MA2
MA1
MA0
0
0
0
R/W
R/W
R/W
Active Mode Clock Select 2 to 0
These bits select the operating clock frequency in active
and sleep modes. The operating clock frequency
changes to the set frequency after the SLEEP instruction
is executed.
0XX:
φ
OSC
100:
φ
OSC/8
101:
φ
OSC/16
110:
φ
OSC/32
111:
φ
OSC/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com