Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 114Page - Renesas Technology Corp HD64F36034 Datasheet HTML 115Page - Renesas Technology Corp HD64F36034 Datasheet HTML 116Page - Renesas Technology Corp HD64F36034 Datasheet HTML 117Page - Renesas Technology Corp HD64F36034 Datasheet HTML 118Page - Renesas Technology Corp HD64F36034 Datasheet HTML 119Page - Renesas Technology Corp HD64F36034 Datasheet HTML 120Page - Renesas Technology Corp HD64F36034 Datasheet HTML 121Page - Renesas Technology Corp HD64F36034 Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 592 page
background image
Section 6 Power-Down Modes
Rev. 4.00 Mar. 15, 2006 Page 86 of 556
REJ09B0026-0400
6.3
Operating Frequency in Active Mode
Operation in active mode is clocked at the frequency designated by the MA2, MA1, and MA0 bits
in SYSCR2. The operating frequency changes to the set frequency after SLEEP instruction
execution.
6.4
Direct Transition
The CPU can execute programs in two modes: active and subactive modes. A direct transition is a
transition between these two modes without stopping program execution. A direct transition can
be made by executing a SLEEP instruction while the DTON bit in SYSCR2 is set to 1. The direct
transition also enables operating frequency modification in active or subactive mode. After the
mode transition, direct transition interrupt exception handling starts.
If the direct transition interrupt is disabled in interrupt enable register 1, a transition is made
instead to sleep or subsleep mode. Note that if a direct transition is attempted while the I bit in
CCR is set to 1, sleep or subsleep mode will be entered, and the resulting mode cannot be cleared
by means of an interrupt.
6.4.1
Direct Transition from Active Mode to Subactive Mode
The time from the start of SLEEP instruction execution to the end of interrupt exception handling
(the direct transition time) is calculated by equation (1).
Direct transition time = {(number of SLEEP instruction execution states) + (number of internal
processing states)}
× (tcyc before transition) + (number of interrupt exception handling states) ×
(tsubcyc after transition)
(1)
Example:
Direct transition time = (2 + 1)
× tosc + 14 × 8tw = 3tosc + 112tw
(when the CPU operating clock of
φ
osc → φw/8 is selected)
[Legend]
tosc: OSC clock cycle time
tw: Watch clock cycle time
tcyc: System clock (
φ) cycle time
tsubcyc: Subclock (
φ
SUB) cycle time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com