Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 254 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 254 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 250Page - Renesas Technology Corp HD64F36034 Datasheet HTML 251Page - Renesas Technology Corp HD64F36034 Datasheet HTML 252Page - Renesas Technology Corp HD64F36034 Datasheet HTML 253Page - Renesas Technology Corp HD64F36034 Datasheet HTML 254Page - Renesas Technology Corp HD64F36034 Datasheet HTML 255Page - Renesas Technology Corp HD64F36034 Datasheet HTML 256Page - Renesas Technology Corp HD64F36034 Datasheet HTML 257Page - Renesas Technology Corp HD64F36034 Datasheet HTML 258Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 592 page
background image
Section 12 Timer Z
Rev. 4.00 Mar. 15, 2006 Page 222 of 556
REJ09B0026-0400
Complementary PWM Mode: When the counter switches from counting up to counting down or
vice versa, the value of the buffer register is transferred to the general register. Here, the value of
the buffer register is transferred to the general register in the following timing:
1. When TCNT_0 and GRA_0 are compared and their contents match
2. When TCNT_1 underflows
Reset Synchronous PWM Mode: The value of the buffer register is transferred from compare
match A0 to the general register.
Example of Buffer Operation Setting Procedure: Figure 12.37 shows an example of the buffer
operation setting procedure.
[1] Designate GR as an input capture register
or output compare register by means of
TIOR.
[2] Designate GR for buffer operation with bits
BFD1, BFC1, BFD0, or BFC0 in TMDR.
[3] Set the STR bit in TSTR to 1 to start the
count operation of TCNT.
[1]
[2]
[3]
Select GR function
Set buffer operation
Start count operation
Buffer operation
<Buffer operation>
Figure 12.37 Example of Buffer Operation Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com