Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 140Page - Renesas Technology Corp SH7124 Datasheet HTML 141Page - Renesas Technology Corp SH7124 Datasheet HTML 142Page - Renesas Technology Corp SH7124 Datasheet HTML 143Page - Renesas Technology Corp SH7124 Datasheet HTML 144Page - Renesas Technology Corp SH7124 Datasheet HTML 145Page - Renesas Technology Corp SH7124 Datasheet HTML 146Page - Renesas Technology Corp SH7124 Datasheet HTML 147Page - Renesas Technology Corp SH7124 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 774 page
background image
Section 7 User Break Controller (UBC)
Rev. 4.00 Jul. 25, 2008 Page 124 of 750
REJ09B0243-0400
7.2.9
Break Data Mask Register B (BDMRB)
BDMRB is a 32-bit readable/writable register. BDMRB specifies bits masked in the break data
specified by BDRB.
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
0
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BDMB31 BDMB30 BDMB29 BDMB28 BDMB27 BDMB26 BDMB25 BDMB24 BDMB23 BDMB22 BDMB21 BDMB20 BDMB19 BDMB18 BDMB17 BDMB16
BDMB15 BDMB14 BDMB13 BDMB12 BDMB11 BDMB10 BDMB9
BDMB8
BDMB7
BDMB6
BDMB5
BDMB4
BDMB3
BDMB2
BDMB1
BDMB0
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
BDMB31 to
BDMB 0
All 0
R/W
Break Data Mask B
Specifies bits masked in the break data of channel B
specified by BDRB (BDB31 to BDB0).
0: Break data BDBn of channel B is included in the
break condition
1: Break data BDBn of channel B is masked and is not
included in the break condition
Note: n = 31 to 0
Notes: 1. Specify an operand size when including the value of the data bus in the break condition.
2. When the byte size is selected as a break condition, the same byte data must be set in
bits 15 to 8 and 7 to 0 in BDMRB as the break mask data in BDRB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com