Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 142Page - Renesas Technology Corp SH7124 Datasheet HTML 143Page - Renesas Technology Corp SH7124 Datasheet HTML 144Page - Renesas Technology Corp SH7124 Datasheet HTML 145Page - Renesas Technology Corp SH7124 Datasheet HTML 146Page - Renesas Technology Corp SH7124 Datasheet HTML 147Page - Renesas Technology Corp SH7124 Datasheet HTML 148Page - Renesas Technology Corp SH7124 Datasheet HTML 149Page - Renesas Technology Corp SH7124 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 774 page
background image
Section 7 User Break Controller (UBC)
Rev. 4.00 Jul. 25, 2008 Page 126 of 750
REJ09B0243-0400
Bit
Bit Name
Initial
Value
R/W
Description
5, 4
IDB[1:0]
00
R/W
Instruction Fetch/Data Access Select B
Select the instruction fetch cycle or data access cycle
as the bus cycle of the channel B break condition.
00: Condition comparison is not performed
01: The break condition is the instruction fetch cycle
10: The break condition is the data access cycle
11: The break condition is the instruction fetch cycle or
data access cycle
3, 2
RWB[1:0]
00
R/W
Read/Write Select B
Select the read cycle or write cycle as the bus cycle of
the channel B break condition.
00: Condition comparison is not performed
01: The break condition is the read cycle
10: The break condition is the write cycle
11: The break condition is the read cycle or write cycle
1, 0
SZB[1:0]
0
R/W
Operand Size Select B
Select the operand size of the bus cycle for the
channel B break condition.
00: The break condition does not include operand size
01: The break condition is byte access
10: The break condition is word access
11: The break condition is longword access
Note:
When specifying the operand size, specify the
size which matches the address boundary.
[Legend]
x:
Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com