Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 143Page - Renesas Technology Corp SH7124 Datasheet HTML 144Page - Renesas Technology Corp SH7124 Datasheet HTML 145Page - Renesas Technology Corp SH7124 Datasheet HTML 146Page - Renesas Technology Corp SH7124 Datasheet HTML 147Page - Renesas Technology Corp SH7124 Datasheet HTML 148Page - Renesas Technology Corp SH7124 Datasheet HTML 149Page - Renesas Technology Corp SH7124 Datasheet HTML 150Page - Renesas Technology Corp SH7124 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 774 page
background image
Section 7 User Break Controller (UBC)
Rev. 4.00 Jul. 25, 2008 Page 127 of 750
REJ09B0243-0400
7.2.11
Break Control Register (BRCR)
BRCR sets the following conditions:
1. Channels A and B are used in two independent channel conditions or under the sequential
condition.
2. A break is set before or after instruction execution.
3. Specify whether to include the number of execution times on channel B in comparison
conditions.
4. Determine whether to include data bus on channels A and B in comparison conditions.
5. Enable PC trace.
6. Specify whether to request the user break interrupt when channels A and B match with
comparison conditions.
BRCR is a 32-bit readable/writable register that has break conditions match flags and bits for
setting a variety of break conditions.
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
0
0000000000000000
RRRRRRRRRRRR
R/W
R
R/W
R
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R
R
R/W
R/W
R/W
R
R/W
R
R
R/W
--
----------
UBIDB
-
UBIDA
-
SCM
FCA
SCM
FCB
SCM
FDA
SCM
FDB
PCTE
PCBA
-
-
DBEA
PCBB
DBEB
-
SEQ
-
-
ETBE
Bit
Bit Name
Initial
Value
R/W
Description
31 to 20
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
19
UBIDB
0
R/W
User Break Disable B
Enables or disables the user break interrupt request
when the channel B break conditions are satisfied.
0: User break interrupt request is enabled when break
conditions are satisfied
1: User break interrupt request is disabled when break
conditions are satisfied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com