Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 401 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 401 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 397Page - Renesas Technology Corp SH7108 Datasheet HTML 398Page - Renesas Technology Corp SH7108 Datasheet HTML 399Page - Renesas Technology Corp SH7108 Datasheet HTML 400Page - Renesas Technology Corp SH7108 Datasheet HTML 401Page - Renesas Technology Corp SH7108 Datasheet HTML 402Page - Renesas Technology Corp SH7108 Datasheet HTML 403Page - Renesas Technology Corp SH7108 Datasheet HTML 404Page - Renesas Technology Corp SH7108 Datasheet HTML 405Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 560 page
background image
Section 13 Motor Management Timer (MMT)
Rev.1.00 Sep. 18, 2008 Page 367 of 522
REJ09B0069-0100
13.3.3
Timer Status Register (MMT_TSR)
MMT_TSR holds status flags. (In this section, the name of this register is abbreviated to TSR
hereafter.)
Bit
Bit Name
Initial
Value
R/W
Description
7
TCFD
1
R
Count Direction Flag
Status flag that indicates the count direction of the
TCNT counter.
0: TCNT counts down
1: TCNT counts up
6 to 2
⎯
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
1
TGFN
0
R/(W)*
Output Compare Flag N
Status flag that indicates a compare match between
TCNT and 2Td (Td: TDDR value).
[Setting condition]
• When TCNT = 2Td
[Clearing condition]
• When 0 is written to TGFN after reading TGFN = 1
0
TGFM
0
R/(W)*
Output Compare Flag M
Status flag that indicates a compare match between
TCNT and TPDR.
[Setting condition]
• When TCNT = TPDR
[Clearing condition]
• When 0 is written to TGFM after reading TGFM = 1
Note:
*
Only 0 can be written for flag clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com