Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 405 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 405 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 401Page - Renesas Technology Corp SH7108 Datasheet HTML 402Page - Renesas Technology Corp SH7108 Datasheet HTML 403Page - Renesas Technology Corp SH7108 Datasheet HTML 404Page - Renesas Technology Corp SH7108 Datasheet HTML 405Page - Renesas Technology Corp SH7108 Datasheet HTML 406Page - Renesas Technology Corp SH7108 Datasheet HTML 407Page - Renesas Technology Corp SH7108 Datasheet HTML 408Page - Renesas Technology Corp SH7108 Datasheet HTML 409Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 560 page
background image
Section 13 Motor Management Timer (MMT)
Rev.1.00 Sep. 18, 2008 Page 371 of 522
REJ09B0069-0100
(1) Count Operation
Set 2Td (Td: value set in TDDR) as the initial value of the TCNT counter when the CST bit in
TCNR is cleared to 0.
When the CST bit is set to 1, TCNT counts up to {the value set in TPBR + 2Td}, and then starts
counting down. When TCNT reaches 2Td, it starts counting up again, and continues in this way.
TCNT is constantly compared with TGRU, TGRV, and TGRW. In addition, it is compared with
TGRUU, TGRVU, TGRWU, and TPDR when counting up, and with TGRUD, TGRVD,
TGRWD, and 2Td when counting down.
TDCNT0 to TDCNT5 are read-only counters. It is not necessary to set their initial values.
TDCNT0, TDCNT2, and TDCNT4 start counting up at the falling edge of a positive phase
compare match output when TCNT is counting down. When they become equal to TDDR they are
cleared to 0 and halt.
TDCNT1, TDCNT3, and TDCNT5 start counting up at the falling edge of a negative phase
compare match output when TCNT is counting up. When they match TDDR they are cleared to 0
and halt.
TDCNT0 to TDCNT5 are compared with TDDR only while a count operation is in progress. No
count operation is performed when the TDDR value is 0.
Figure 13.3 shows an example of the TCNT count operation.
TCNT
Td
H'FFFF
H'0000
TPDR
TGRUU
TGRU
TGRUD
2Td
Td
Td
2Td
2Td
1/2 period
(TPBR)
Figure 13.3 Example of TCNT Count Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com