Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 404 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 404 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 400Page - Renesas Technology Corp SH7108 Datasheet HTML 401Page - Renesas Technology Corp SH7108 Datasheet HTML 402Page - Renesas Technology Corp SH7108 Datasheet HTML 403Page - Renesas Technology Corp SH7108 Datasheet HTML 404Page - Renesas Technology Corp SH7108 Datasheet HTML 405Page - Renesas Technology Corp SH7108 Datasheet HTML 406Page - Renesas Technology Corp SH7108 Datasheet HTML 407Page - Renesas Technology Corp SH7108 Datasheet HTML 408Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 560 page
background image
Section 13 Motor Management Timer (MMT)
Rev.1.00 Sep. 18, 2008 Page 370 of 522
REJ09B0069-0100
13.4.1
Sample Setting Procedure
An example of the operating mode setting procedure is shown in figure 13.2.
Halt count operation
Set TCNT
Set TBR
Set PWM output level
Set operating mode
Set external pin functions
Start count operation
<Operating mode>
Set dead time carrier period
Clear the CST bit to 0 in the timer control register
(TCNR) to halt timer counter operation. Make the
operating mode setting while TCNT is halted.
Set 2Td (Td: dead time) in TCNT.
Set the output PWM duty cycle {PWM duty cycle
initial value – Td} in the free operation addresses of
the buffer registers (TBRU, TBRV, TBRW).
Set dead time Td in the dead time data register
(TDDR), set 1/2 the carrier period in the timer period
buffer register (TPBR), and set {TPBR value + 2Td}
in the timer period data register (TPDR).
Set the PWM output level with bits OLSN and OLSP
in the timer mode register (TMDR).
Set the operating mode in the timer mode register
(TMDR). The PUOA, PUOB, PVOA, PVOB, PWOA,
and PWOB pins are output pins.
Set the external pin functions with the pin function
controller (PFC).
Set the CST bit to 1 in TCNR to start the count
operation.
Figure 13.2 Sample Operating Mode Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com