| Electronic Components Datasheet Search |
|
SH7108 Datasheet(PDF) 402 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7108 Datasheet(HTML) 402 Page - Renesas Technology Corp |
|
402 / 560 page ![]() Section 13 Motor Management Timer (MMT) Rev.1.00 Sep. 18, 2008 Page 368 of 522 REJ09B0069-0100 13.3.4 Timer Counter (MMT_TCNT) MMT_TCNT is a 16-bit counter. The initial value is H'0000. Only 16-bit access can be used on MMT_TCNT; 8-bit access is not possible. (In this section, the name of this register is abbreviated to TCNT hereafter.) 13.3.5 Timer Buffer Registers (TBR) TBR function as 16-bit buffer registers. The MMT has three TBR registers; TBRU, TBRV, and TBRW, each of which has two addresses; a buffer operation address (shown first) and a free operation address (shown second). A value written to the buffer operation address is transferred to the corresponding TGR at the timing set in bits MD1 and MD0 in the timer mode register (TMDR). A value set in the free operation address is transferred to the corresponding TGR immediately. The initial value of TBR is H'FFFF. Only 16-bit access can be used on the TBR registers; 8-bit access is not possible. 13.3.6 Timer General Registers (TGR) TGR function as 16-bit compare registers. The MMT has nine TGR registers, that are compared with the TCNT counter in the operating modes. The initial value of TGR is H'FFFF. Only 16-bit access can be used on the TGR registers; 8-bit access is not possible. 13.3.7 Timer Dead Time Counter (TDCNT) TDCNT is a 16-bit read-only counter. The initial value of TDCNT is H'0000. Only 16-bit access can be used on TDCNT; 8-bit access is not possible. 13.3.8 Timer Dead Time Data Register (MMT_TDDR) MMT_TDDR is a 16-bit register that sets the positive phase and negative phase non-overlap time (dead time). The initial value of MMT_TDDR is H'FFFF. Only 16-bit access can be used on MMT_TDDR; 8-bit access is not possible. (In this section, the name of this register is further abbreviated to TDDR hereafter.) 13.3.9 Timer Period Buffer Register (TPBR) TPBR is a 16-bit register that functions as a buffer register for TPDR. A value of 1/2 the PWM carrier period should be set as the TPBR value. The TPBR value is transferred to TPDR at the transfer timing set in TMDR. The initial value of TPBR is H'FFFF. Only 16-bit access can be used on TPBR; 8-bit access is not possible. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |