Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 268 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 268 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 264Page - Renesas Technology Corp SH7108 Datasheet HTML 265Page - Renesas Technology Corp SH7108 Datasheet HTML 266Page - Renesas Technology Corp SH7108 Datasheet HTML 267Page - Renesas Technology Corp SH7108 Datasheet HTML 268Page - Renesas Technology Corp SH7108 Datasheet HTML 269Page - Renesas Technology Corp SH7108 Datasheet HTML 270Page - Renesas Technology Corp SH7108 Datasheet HTML 271Page - Renesas Technology Corp SH7108 Datasheet HTML 272Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 234 of 522
REJ09B0069-0100
8.8.3
Operation in Case of Re-Setting Due to Error During Operation, Etc.
If an error occurs during MTU operation, MTU output should be cut by the system. Cutoff is
performed by switching the pin output to port output with the PFC and outputting the inverse of
the active level. For large-current pins, output can also be cut by hardware, using port output
enable (POE). The pin initialization procedures for re-setting due to an error during operation, etc.,
and the procedures for restarting in a different mode after re-setting, are shown below.
The MTU has six operating modes, as stated above. There are thus 36 mode transition
combinations, but some transitions are not available with certain channel and mode combinations.
Possible mode transition combinations are shown in table 8.43.
Table 8.43
Mode Transition Combinations
After
Before
Normal
PWM1
PWM2
PCM
CPWM
RPWM
Normal
(1)
(2)
(3)
(4)
(5)
(6)
PWM1
(7)
(8)
(9)
(10)
(11)
(12)
PWM2
(13)
(14)
(15)
(16)
None
None
PCM
(17)
(18)
(19)
(20)
None
None
CPWM
(21)
(22)
None
None
(23) (24)
(25)
RPWM
(26)
(27)
None
None
(28)
(29)
Legend:
Normal: Normal mode
PWM1: PWM mode 1
PWM2: PWM mode 2
PCM:
Phase counting modes 1 to 4
CPWM: Complementary PWM mode
RPWM: Reset-synchronous PWM mode
The above abbreviations are used in some places in following descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com