Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 272 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 272 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 268Page - Renesas Technology Corp SH7108 Datasheet HTML 269Page - Renesas Technology Corp SH7108 Datasheet HTML 270Page - Renesas Technology Corp SH7108 Datasheet HTML 271Page - Renesas Technology Corp SH7108 Datasheet HTML 272Page - Renesas Technology Corp SH7108 Datasheet HTML 273Page - Renesas Technology Corp SH7108 Datasheet HTML 274Page - Renesas Technology Corp SH7108 Datasheet HTML 275Page - Renesas Technology Corp SH7108 Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 238 of 522
REJ09B0069-0100
1 to 10 are the same as in figure 8.84.
11. Set PWM mode 2.
12. Initialize the pins with TIOR. (In PWM mode 2, the cycle register pins are not initialized. If
initialization is required, initialize in normal mode, then switch to PWM mode 2.)
13. Set MTU output with the PFC.
14. Operation is restarted by TSTR.
Note:
PWM mode 2 can only be set for channels 0 to 2, and therefore TOER setting is not
necessary.
(4) Operation when Error Occurs during Normal Mode Operation, and Operation is
Restarted in Phase Counting Mode
Figure 8.87 shows an explanatory diagram of the case where an error occurs in normal mode and
operation is restarted in phase counting mode after re-setting.
1
RESET
2
TMDR
(normal)
3
TOER
(1)
5
PFC
(MTU)
4
TIOR
(1 init
0 out)
6
TSTR
(1)
7
Match
8
Error
occurs
9
PFC
(PORT)
10
TSTR
(0)
11
TMDR
(PCM)
12
TIOR
(1 init
0 out)
13
PFC
(MTU)
14
TSTR
(1)
MTU module
output
TIOC*A
TIOC*B
Port output
PEn
PEn
n=0 to 15
Hi-Z
Hi-Z
Figure 8.87 Error Occurrence in Normal Mode, Recovery in Phase Counting Mode
1 to 10 are the same as in figure 8.84.
11. Set phase counting mode.
12. Initialize the pins with TIOR.
13. Set MTU output with the PFC.
14. Operation is restarted by TSTR.
Note:
Phase counting mode can only be set for channels 1 and 2, and therefore TOER setting is
not necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com